Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT273 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT273
Description  Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT273 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT273 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT273 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT273 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT273 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT273 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT273
System Logic
Semiconductor
SLS
Octal D Flip-Flop with Common Clock and Reset
High-Performance Silicon-Gate CMOS
The SL74HCT273 is identical in pinout to the LS/ALS273.
The SL74HCT273 may be used as a level converter for interfacing
TTL or NMOS outputs to High-Speed CMOS inputs.
This device consists of eight D flip-flops with common Clock and
Reset inputs. Each flip-flop is loaded with a low-to-high transition of
the Clock input. Reset is asynchronous and active low.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT273N Plastic
SL74HCT273D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
no change
H
X
no change
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT273

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT20 SLS-SL74HCT20 Datasheet
33Kb / 4P
Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT20D SLS-SL74HCT20D Datasheet
33Kb / 4P
Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT20N SLS-SL74HCT20N Datasheet
33Kb / 4P
Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT240 SLS-SL74HCT240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT240D SLS-SL74HCT240D Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT273

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC174A INTEGRAL-IN74HC174A Datasheet
51Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74AC273 INTEGRAL-IN74AC273 Datasheet
179Kb / 5P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
KK74HCT273A KODENSHI-KK74HCT273A Datasheet
241Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC273A IKSEMICON-IN74HC273A Datasheet
238Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HC175A IKSEMICON-IN74HC175A Datasheet
223Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT273 IKSEMICON-IN74ACT273 Datasheet
274Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com