Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR408 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # FR408
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR408 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  FR408 Datasheet HTML 1Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 2Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 3Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 4Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMA25312BT1
Table 4. Electrical Characteristics (VCC1 =VCC2 =VBIAS = 5 Vdc, 2500 MHz, TA =25°C, 50 ohm system, in Freescale CW Application
Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21)
Gp
24.5
26
—
dB
Input Return Loss (S11)
IRL
—
--12
—
dB
Output Return Loss (S22)
ORL
—
--13
—
dB
Power Output @ 1dB Compression
P1dB
—
31
—
dBm
Third Order Output Intercept Point, Two--Tone CW
OIP3
—
40
—
dBm
Noise Figure
NF
—
3.8
—
dB
Supply Current (1)
ICQ
110
124
138
mA
Supply Voltage (1)
VCC
—
5
—
V
Table 5. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD 22--A114)
2
Machine Model (per EIA/JESD 22--A115)
A
Charge Device Model (per JESD 22--C101)
IV
Table 6. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
1
260
°C
1. For reliable operation, the junction temperature should not exceed 150°C.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
VBA2
RFout
RFin
19
28
37
12
11
10
45
6
RFout
VCC1 VCC1
VBA1
VBIAS
VCC2
N.C. N.C. PDET
VBA2
RFout
RFin
RFout
VCC1
VCC1
VBA1
VBIAS
VCC2
BIAS
CIRCUIT
BIAS
CIRCUIT
PDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com