Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR408 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # FR408
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR408 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  FR408 Datasheet HTML 1Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 2Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 3Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 4Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MMA25312BT1
1
RF Device Data
Freescale Semiconductor, Inc.
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
High Efficiency/Linearity Amplifier
The MMA25312B is a high efficiency InGaP HBT amplifier designed for
use in 2400 MHz ISM applications, WLAN (802.11g), WiMAX (802.16e) and
wireless broadband mesh networks. It is suitable for applications with
frequencies from 2300 to 2700 MHz using simple external matching
components witha3to5voltsupply.
Features
• Frequency: 2300--2700 MHz
• P1dB: 31 dBm @ 2500 MHz
• Power Gain: 26 dB @ 2500 MHz
• OIP3: 40 dBm @ 2500 MHz
• Active Bias Control (On--chip)
• Single 3 to 5 Volt Supply
• Single--ended Power Detector
• Cost--effective QFN Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7 inch Reel.
2300--2700 MHz, 26 dB
31 dBm
InGaP HBT
MMA25312BT1
CASE 2131--01
QFN 3×3
PLASTIC
Table 1. Typical CW Performance (1)
Characteristic
Symbol
2300
MHz
2500
MHz
2700
MHz
Unit
Small--Signal Gain
(S21)
Gp
26
26
24.5
dB
Input Return Loss
(S11)
IRL
--14
--12
--12
dB
Output Return Loss
(S22)
ORL
--11
--13
--15
dB
Power Output @
1dB Compression
P1dB
30
31
29.8
dBm
1. VCC1 =VCC2 =VBIAS =5 Vdc, TA =25°C, 50 ohm system, CW
Application Circuit
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
6
V
Supply Current
ICC
550
mA
RF Input Power
Pin
30
dBm
Storage Temperature Range
Tstg
--65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 91°C, VCC1 =VCC2 =VBIAS =5 Vdc
RθJC
92
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Freescale Semiconductor
Technical Data
Document Number: MMA25312B
Rev. 0, 9/2012
© Freescale Semiconductor, Inc., 2012. All rights reserved.


Similar Part No. - FR408

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FR408 NXP-FR408 Datasheet
342Kb / 10P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
FR408 NXP-FR408 Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
FR408 NXP-FR408 Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results

Similar Description - FR408

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com