Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS164 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # 74LS164
Description  8-Bit Serial-Input/Parallel-Output Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS164 Datasheet(HTML) 3 Page - System Logic Semiconductor

  74LS164 Datasheet HTML 1Page - System Logic Semiconductor 74LS164 Datasheet HTML 2Page - System Logic Semiconductor 74LS164 Datasheet HTML 3Page - System Logic Semiconductor 74LS164 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL74LS164
System Logic
Semiconductor
SLS
Note 2: ICC is measured with outputs open, serial inputs grouned, the clock input at 2.4 V, and a momentary
ground, then 4.5 V applied.
AC ELECTRICAL CHARACTERISTICS (T
A=25
°C, V
CC = 5.0 V, CL = 15 pF, RL = 2 k
Ω, t
r =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay Time, Clock to Q
27
ns
tPHL
Propagation Delay Time, Clock to Q
32
ns
tPHL
Propagation Delay Time, Reset to Q
36
ns
tsu
Setup Time, A1 or A2 to Clock
15
ns
th
Hold Time, Clock to A1 or A2
5
ns
tw
Pulse Width, Clock
20
ns
tw
Pulse Width, Reset
20
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Switching Waveform
Figure 4. Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com