Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS164 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 74LS164
Description  8-Bit Serial-Input/Parallel-Output Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS164 Datasheet(HTML) 1 Page - System Logic Semiconductor

  74LS164 Datasheet HTML 1Page - System Logic Semiconductor 74LS164 Datasheet HTML 2Page - System Logic Semiconductor 74LS164 Datasheet HTML 3Page - System Logic Semiconductor 74LS164 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74LS164
System Logic
Semiconductor
SLS
8-Bit Serial-Input/Parallel-Output
Shift Register
This 8-bit shift register features gated serial inputs and an
asynchronous reset. The gated serial inputs (A and B) permit complete
control over incoming data as a low at either (or both) input(s) inhibits
entry of the new data and resets the first flip flop to the low level at the
next clock pulse. A high level input enables the other input which will
then determine the state of the first flip-flop. Data at the serial inputs
may be changed while the clock is high or low, but only information
meeting the setup requirements will be entered clocking occurs or the
low-to-high level transition of the clock input. All inputs are diode-
clamped to minimize transmission-line effects.
• Gated (Enable/Disable) Serial Inputs
• Fully Buffered Clock and Serial Inputs
• Asynchronous Clear
ORDERING INFORMATION
SL74LS164N Plastic
SL74LS164D SOIC
TA =0
° to 70°C
for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Reset
Clock
A1 A2
QA QB ... QH
L
X
X X
L
L ... L
H
X X
no change
H
H D
D QAn ... QGn
H
D H
D QAn ... QGn
H
L L
L QAn ... QGn
D = data input
X = don’t care
QAn - QGn = data shifted from the previous stage on a
rising edge at the clock input.
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND


Similar Part No. - 74LS164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS164 ONSEMI-74LS164 Datasheet
109Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS164 FAIRCHILD-74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Hitachi Semiconductor
74LS164 HITACHI-74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Silicon Supplies
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
333Kb / 5P
Low Power Schottky Logic
Rev 1.0 24/11/17
More results

Similar Description - 74LS164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com