Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FMDWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7640FMDWR
Description  Low Power Quad Channels Digital Isolators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 17Page - Texas Instruments ISO7640FMDWR Datasheet HTML 18Page - Texas Instruments ISO7640FMDWR Datasheet HTML 19Page - Texas Instruments ISO7640FMDWR Datasheet HTML 20Page - Texas Instruments ISO7640FMDWR Datasheet HTML 21Page - Texas Instruments ISO7640FMDWR Datasheet HTML 22Page - Texas Instruments ISO7640FMDWR Datasheet HTML 23Page - Texas Instruments ISO7640FMDWR Datasheet HTML 24Page - Texas Instruments ISO7640FMDWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 5 V
Pattern: NRZ 2
16-1
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 3.3 V
Pattern: NRZ 2
16-1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
20
40
60
80
100
120
140
160
180
Data Rate (Mbps)
VCC = 5 V
VCC = 3.3 V
TA = 25°C
CL = 15 pF
All Channels Switching
Typ Jitter on output pin shown
G009
2.36
2.38
2.4
2.42
2.44
2.46
2.48
2.5
2.52
−40
−20
0
20
40
60
80
100
120
Free−Air Temperature (°C)
VCC Rising
VCC Falling
G007
6
7
8
9
10
11
−40
−15
10
35
60
85
110
135 150
Free−Air Temperature (°C)
tPLH at 3.3 V
tPHL at 3.3 V
tPHL at 5 V
tPLH at 5 V
CL = 15 pF
G008
ISO7640FM
ISO7641FM
www.ti.com
SLLSE89D – SEPTEMBER 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
Figure 13. VCC Undervoltage Threshold
Figure 14. Propagation Delay Time
vs Free Air Temperature
vs Free Air Temperature
Figure 15. Output Jitter vs Data Rate
Figure 16. Typical Eye Diagram at 150 Mbps,
Figure 17. Typical Eye Diagram at 150 Mbps,
5 V Operation
3.3 V Operation
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com