Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FMDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7640FMDWR
Description  Low Power Quad Channels Digital Isolators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 3Page - Texas Instruments ISO7640FMDWR Datasheet HTML 4Page - Texas Instruments ISO7640FMDWR Datasheet HTML 5Page - Texas Instruments ISO7640FMDWR Datasheet HTML 6Page - Texas Instruments ISO7640FMDWR Datasheet HTML 7Page - Texas Instruments ISO7640FMDWR Datasheet HTML 8Page - Texas Instruments ISO7640FMDWR Datasheet HTML 9Page - Texas Instruments ISO7640FMDWR Datasheet HTML 10Page - Texas Instruments ISO7640FMDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISO7640FM
ISO7641FM
www.ti.com
SLLSE89D – SEPTEMBER 2011 – REVISED JULY 2012
SUPPLY CURRENT
VCC1 at 5 V ± 10% and VCC2 at 3.3V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7640FM
ICC1
0.6
1.2
Disable
EN = 0 V
ICC2
3.6
5.1
ICC1
0.7
1.3
DC to 1 Mbps
ICC2
3.7
5.2
ICC1
1.1
2
10 Mbps
mA
DC Signal: VI = VCC or 0 V,
ICC2
5
7.1
AC Signal: All channels switching with square wave clock input; CL
ICC1
1.9
3
= 15 pF
25 Mbps
ICC2
6.9
11
ICC1
8.2
14.5
150 Mbps
ICC2
24
40
ISO7641FM
ICC1
2.6
4.2
Disable
EN1 = EN2 = 0 V
ICC2
3.2
4.9
ICC1
2.7
4.3
DC to 1 Mbps
ICC2
3.3
5
ICC1
3.6
4.9
10 Mbps
mA
DC Signal: VI = VCC or 0 V,
ICC2
4.4
5.8
AC Signal: All channels switching with square wave clock input; CL
ICC1
5.1
6.6
= 15 pF
25 Mbps
ICC2
6.1
7.6
ICC1
17
22
150 Mbps
ICC2
20.6
26.5
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com