Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015C30R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD59015C30R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C30R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD59015C30R Datasheet HTML 2Page - STMicroelectronics LD59015C30R Datasheet HTML 3Page - STMicroelectronics LD59015C30R Datasheet HTML 4Page - STMicroelectronics LD59015C30R Datasheet HTML 5Page - STMicroelectronics LD59015C30R Datasheet HTML 6Page - STMicroelectronics LD59015C30R Datasheet HTML 7Page - STMicroelectronics LD59015C30R Datasheet HTML 8Page - STMicroelectronics LD59015C30R Datasheet HTML 9Page - STMicroelectronics LD59015C30R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maximum ratings
LD59015xx
6/16
Doc ID 17488 Rev 3
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to GND.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
- 0.3 to 7
V
VOUT
DC output voltage
- 0.3 to VI + 0.3 (max. 7)
V
VEN
Enable input voltage
- 0.3 to VI + 0.3 (max. 7)
V
IOUT
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
ESD
Human body model
± 3kV
Machine model
± 300
V
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
645.69
°C/W
RthJC
Thermal resistance junction-case
116
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com