Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015C30R Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD59015C30R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C30R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD59015C30R Datasheet HTML 8Page - STMicroelectronics LD59015C30R Datasheet HTML 9Page - STMicroelectronics LD59015C30R Datasheet HTML 10Page - STMicroelectronics LD59015C30R Datasheet HTML 11Page - STMicroelectronics LD59015C30R Datasheet HTML 12Page - STMicroelectronics LD59015C30R Datasheet HTML 13Page - STMicroelectronics LD59015C30R Datasheet HTML 14Page - STMicroelectronics LD59015C30R Datasheet HTML 15Page - STMicroelectronics LD59015C30R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
LD59015xx
14/16
Doc ID 17488 Rev 3
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
175
1801856.889
7.086
7.283
C
12.8
13
13.2
0.504
0.512
0.519
D
20.2
0.795
N59.5
60
60.5
2.362
T
14.4
0.567
Ao
2.25
0.088
Bo
2.7
0.106
Ko
1.2
0.047
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.8
4
4.2
0.149
0.157
0.165
Tape & reel SOT323-xL mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com