Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140LAH-15/883 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH-15/883
Description  LM140LQML Series 3-Terminal Positive Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM140LAH-15/883 Datasheet(HTML) 5 Page - Texas Instruments

  LM140LAH-15/883 Datasheet HTML 1Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 2Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 3Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 4Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 5Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 6Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 7Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 8Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LM140LA-5.0 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC:
V
I = 10V, IL = 40mA
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
I
Q
Quiescent Current
4.5
mA
1
4.2
mA
2
V
O
Output Voltage
4.9
5.1
V
1
V
I = 20V, IL = 5mA
4.8
5.2
V
1, 2, 3
V
I = 20V, IL = 100mA
4.8
5.2
V
1, 2, 3
V
I = 7.2V, IL = 5mA
4.8
5.2
V
1, 2, 3
V
I = 7.2V, IL = 100mA
4.8
5.2
V
1, 2, 3
R
Load
Load Regulation
5mA
≤ I
L
≤ 40 mA
-20
20
mV
1
5mA
≤ I
L
≤ 100mA
-40
40
mV
1
R
Line
Line Regulation
I
L = 100mA, 7.5V
≤ V
I
≤ 25V
-30
30
mV
1
7V
≤ V
I
≤ 25V
-30
30
mV
1
∆I
Q
Quiescent Current Change
5mA
≤ I
L
≤ 40mA
-0.1
0.1
mA
1, 2, 3
7.5V
≤ V
I
≤ 35V
-0.5
0.5
mA
1
AC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
RR
Ripple Rejection
ƒ = 120Hz, e
I =1VRMS
55
dB
4
LM140LA-12 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC:
V
I = 19V, IL = 40mA
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
I
Q
Quiescent Current
4.5
mA
1
4.2
mA
2
V
O
Output Voltage
11.75 12.25
V
1
V
I = 27V, IL = 5mA
11.5
12.5
V
1, 2, 3
V
I = 27V, IL = 100mA
11.5
12.5
V
1, 2, 3
V
I = 14.5V, IL = 5mA
11.5
12.5
V
1, 2, 3
V
I = 14.5V, IL = 100mA
11.5
12.5
V
1, 2, 3
R
Load
Load Regulation
5mA
≤ I
L
≤ 40mA
-40
40
mV
1
5mA
≤ I
L
≤ 100mA
-80
80
mV
1
R
Line
Line Regulation
I
L = 100mA, 14.5V
≤ V
I
≤ 30V
-65
65
mV
1
14.2V
≤ V
I
≤ 30V
-65
65
mV
1
∆I
Q
Quiescent Current Change
5mA
≤ I
L
≤ 40mA
-0.1
0.1
mA
1, 2, 3
14.3V
≤ V
I
≤ 35V
-0.5
0.5
mA
1
AC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
RR
Ripple Rejection
ƒ = 120Hz, e
I =1VRMS
47
dB
4
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com