Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140LAH-15/883 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH-15/883
Description  LM140LQML Series 3-Terminal Positive Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM140LAH-15/883 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM140LAH-15/883 Datasheet HTML 2Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 3Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 4Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 5Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 6Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 7Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 8Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 9Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LM140LA-15 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC:
V
I = 23V, IL = 40mA
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
I
Q
Quiescent Current
4.5
mA
1
4.2
mA
2
V
O
Output Voltage
14.7
15.3
V
1
V
I = 30V, IL = 5mA
14.4
15.6
V
1, 2, 3
V
I = 30V, IL = 100mA
14.4
15.6
V
1, 2, 3
V
I = 17.6V, IL = 5mA
14.4
15.6
V
1, 2, 3
V
I = 17.6V, IL = 100mA
14.4
15.6
V
1, 2, 3
R
Load
Load Regulation
5mA
≤ I
L
≤ 40mA
-50
50
mV
1
5mA
≤ I
L
≤ 100mA
-100
100
mV
1
R
Line
Line Regulation
I
L = 100mA, 17.3V
≤ V
I
≤ 30V
-70
70
mV
1
17.3V
≤ V
I
≤ 30V
-70
70
mV
1
∆I
Q
Quiescent Current Change
5mA
≤ I
L
≤ 40mA
-0.1
0.1
mA
1, 2, 3
17.5V
≤ V
I
≤ 35V
-0.5
0.5
mA
1
AC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
RR
Ripple Rejectionƒ
f = 120Hz, e
I =1VRMS
47
dB
4
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction
to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA or the
number given in the Absolute Maximum Ratings, whichever is lower.
Note 3: Human body model, 100pF discharged through 1.5K
Ω
Note 4: It is recommended that a minimum load capacitor of 0.01 µF be used to limit the high frequency noise bandwidth.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com