Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY8 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY8
Description  High Voltage Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY8 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY8 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY8 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4000V-16000V
1.0A-0.3A
BY 4 THRU BY 16
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.10 grams
*
High Voltage Silicon Rectifier Diodes
Maximum ratings and Characteristics
Type
Rep. peak reverse volt.
Period. Spitzensperrspg.
VRRM [V]
Surge peak reverse volt.
Stoßspitzensperrspg.
VRSM [V]
Max. forward current
Dauergrenzstrom
IFAV [A] 1)
Forward volt.
Durchlass-Spg.
VF [V] 2)
BY4
4000
4000
1.0
< 4.0
BY6
6000
6000
1.0
< 6.0
BY8
8000
8000
0.5
< 8.0
BY12
12000
12000
0.5
< 10.0
BY16
16000
16000
0.3
< 15.0
Leakage Current
Sperrstrom
Tj = 25°C
Tj = 100°C
V = VRRM
V = VRRM
< 1 µA
< 25 µA
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
thA
< 25 K/W 1)


Similar Part No. - BY8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY8 DIOTEC-BY8 Datasheet
110Kb / 1P
High Voltage Si-Rectifiers
BY8 DIOTEC-BY8 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY8 DIOTEC-BY8 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
BY8 DIOTEC-BY8 Datasheet
109Kb / 2P
High Voltage Silicon Rectifier Diodes
BY8 DIOTEC-BY8 Datasheet
144Kb / 2P
Standard Recovery High Voltage Rectifier Diodes
More results

Similar Description - BY8

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV8 SEMIKRON-BV8 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
BY4 SEMIKRON-BY4_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-A1125 DIOTEC-SI-A1125_13 Datasheet
136Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com