Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321M7X Datasheet(PDF) 2 Page - Texas Instruments

Part # LPV321M7X
Description  Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7X Datasheet(HTML) 2 Page - Texas Instruments

  LPV321M7X Datasheet HTML 1Page - Texas Instruments LPV321M7X Datasheet HTML 2Page - Texas Instruments LPV321M7X Datasheet HTML 3Page - Texas Instruments LPV321M7X Datasheet HTML 4Page - Texas Instruments LPV321M7X Datasheet HTML 5Page - Texas Instruments LPV321M7X Datasheet HTML 6Page - Texas Instruments LPV321M7X Datasheet HTML 7Page - Texas Instruments LPV321M7X Datasheet HTML 8Page - Texas Instruments LPV321M7X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LPV321 Single/LPV358 Dual/LPV324 Quad
General Purpose, Low Voltage, Low Power, Rail-to-Rail
Output Operational Amplifiers
General Description
The LPV321/358/324 are low power (9 µA per channel at
5.0V) versions of the LMV321/358/324 op amps. This is
another addition to the LMV321/358/324 family of commod-
ity op amps.
The LPV321/358/324 are the most cost effective solutions
for the applications where low voltage, low power operation,
space saving and low price are needed. The LPV321/358/
324 have rail-to-rail output swing capability and the input
common-mode voltage range includes ground. They all ex-
hibit excellent speed-power ratio, achieving 5 kHz of band-
width with a supply current of only 9 µA.
The LPV321 is available in space saving 5-Pin SC70, which
is approximately half the size of 5-Pin SOT23. The small
package saves space on PC boards, and enables the design
of small portable electronic devices. It also allows the de-
signer to place the device closer to the signal source to
reduce noise pickup and increase signal integrity.
The chips are built with National’s advanced submicron
silicon-gate BiCMOS process. The LPV321/358/324 have
bipolar input and output stages for improved noise perfor-
mance and higher output current drive.
Features
(For V
+ = 5V and V− = 0V, typical unless otherwise noted)
j Guaranteed 2.7V and 5V performance
j No crossover distortion
j Space saving package
5-Pin SC70
2.0x2.1x1.0 mm
j Industrial temperature
range
−40˚C to +85˚C
j Gain-bandwidth product
152 kHz
j Low supply current
LPV321
9 µA
LPV358
15 µA
LPV324
28 µA
j Rail-to-rail output swing
@ 100 k
Ω Load
V
+−3.5 mV
V
−+90 mV
j VCM
−0.2V to V
+−0.8V
Applications
n
Active filters
n
General purpose low voltage applications
n
General purpose portable devices
Connection Diagrams
5-Pin
SC70/SOT23
8-Pin SOIC/MSOP
14-Pin SOIC/TSSOP
10092001
Top View
10092002
Top View
10092003
Top View
October 2006
© 2006 National Semiconductor Corporation
DS100920
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com