Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321M7X Datasheet(PDF) 13 Page - Texas Instruments

Part # LPV321M7X
Description  Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7X Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV321M7X Datasheet HTML 9Page - Texas Instruments LPV321M7X Datasheet HTML 10Page - Texas Instruments LPV321M7X Datasheet HTML 11Page - Texas Instruments LPV321M7X Datasheet HTML 12Page - Texas Instruments LPV321M7X Datasheet HTML 13Page - Texas Instruments LPV321M7X Datasheet HTML 14Page - Texas Instruments LPV321M7X Datasheet HTML 15Page - Texas Instruments LPV321M7X Datasheet HTML 16Page - Texas Instruments LPV321M7X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information (Continued)
INPUT BIAS CURRENT CANCELLATION
The LPV321/358/324 family has a bipolar input stage. The
typical input bias current of LPV321/358/324 is 1.5 nA with
5V supply. Thus a 100 k
Ω input resistor will cause 0.15 mV
of error voltage. By balancing the resistor values at both
inverting and non-inverting inputs, the error caused by the
amplifier’s input bias current will be reduced. The circuit in
Figure 4 shows how to cancel the error caused by input bias
current.
TYPICAL SINGLE-SUPPLY APPLICATION CIRCUITS
Difference Amplifier
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational ampli-
fier, in making a differential to single-ended conversion or in
rejecting a common mode signal.
Instrumentation Circuits
The input impedance of the previous difference amplifier is
set by the resistor R
1,R2,R3, and R4. To eliminate the
problems of low input impedance, one way is to use a
voltage follower ahead of each input as shown in the follow-
ing two instrumentation amplifiers.
Three-op-amp Instrumentation Amplifier
The quad LPV324 can be used to build a three-op-amp
instrumentation amplifier as shown in Figure 6
The first stage of this instrumentation amplifier is a
differential-input, differential-output amplifier, with two volt-
age followers. These two voltage followers assure that the
input impedance is over 100 M
Ω. The gain of this instrumen-
tation amplifier is set by the ratio of R
2/R1.R3 should equal
R
1 and R4 equal R2. Matching of R3 to R1 and R4 to R2
affects the CMRR. For good CMRR over temperature, low
drift resistors should be used. Making R
4 Slightly smaller
than R
2 and adding a trim pot equal to twice the difference
between R
2 and R4 will allow the CMRR to be adjusted for
optimum.
10092005
FIGURE 3. Indirectly Driving A Capacitive Load with
DC Accuracy
10092006
FIGURE 4. Cancelling the Error Caused by Input Bias
Current
10092007
FIGURE 5. Difference Amplifier
10092085
FIGURE 6. Three-op-amp Instrumentation Amplifier
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com