Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSP2425CS Datasheet(PDF) 12 Page - Crydom Inc.,

Part # MCSP2425CS
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCSP2425CS Datasheet(HTML) 12 Page - Crydom Inc.,

Back Button MCSP2425CS Datasheet HTML 8Page - Crydom Inc., MCSP2425CS Datasheet HTML 9Page - Crydom Inc., MCSP2425CS Datasheet HTML 10Page - Crydom Inc., MCSP2425CS Datasheet HTML 11Page - Crydom Inc., MCSP2425CS Datasheet HTML 12Page - Crydom Inc., MCSP2425CS Datasheet HTML 13Page - Crydom Inc., MCSP2425CS Datasheet HTML 14Page - Crydom Inc., MCSP2425CS Datasheet HTML 15Page - Crydom Inc., MCSP2425CS Datasheet HTML 16Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SSC
25Amp
High Voltage, 0-1000 Vdc
Solid State DC Contactor
SSC solid state DC contactors feature IGBT technology for high voltage DC
switching applications.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release Current
Range
Range
Range
@12/24/36Vdc Voltage 10 ms
Vdc
Adc
Vdc
mA
Vdc
Adc
SSC800-25-12 0-800
.02-25
8-16
15
1.0
75
SSC800-25-24 0-800
.02-25
20-28
15
1.0
75
SSC800-25-36 0-800
.02-25
32-40
15
1.0
75
SSC1000-25-12 0-1000
.02-25
8-16
15
1.0
75
SSC1000-25-24 0-1000
.02-25
20-28
15
1.0
75
SSC1000-25-36 0-1000
.02-25
32-40
15
1.0
75
Operating Temperature Range: -30˚C to 80˚C, Isolation Voltage: 2500 Vrms
SSC 800, includes overvoltage protection
Panel Mount Solid State Relays - DC Output
D1D, D2D, D4D, D5D
12
7-40Amp
0-500 Vdc
MOSFET Output
Low On-State Resistance
Paralleling Capability for Higher Currents
DC output relays feature MOSFET technology for low on-state resistance,
assuring easy paralleling and switching capabilities to 40 amps at 100 Vdc.
Lower current models are also available to 500 Vdc.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
10 ms
Vdc
Adc
Vdc
mA
Vdc
Adc
D1D07
0-100
.02-7
3.5-32
1.6
1.0
15
UL
D1D12
0-100
.02-12
3.5-32
1.6
1.0
28
UL
D1D20
0-100
.02-20
3.5-32
1.6
1.0
42
UL
D1D40
0-100
.02-40
3.5-32
1.6
1.0
106
UL
D2D07
0-200
.02-7
3.5-32
1.6
1.0
22
D2D12
0-200
.02-12
3.5-32
1.6
1.0
27
D2D40
0-200
.02-40
3.5-32
1.6
1.0
106
D4D07
0-400
.02-7
3.5-32
1.6
1.0
17
D4D12
0-400
.02-12
3.5-32
1.6
1.0
36
D5D07
0-500
.02-7
3.5-32
1.6
1.0
19
D5D10
0-500
.02-10
3.5-32
1.6
1.0
29
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage:2500 Vrms
Heat Transfer Pads
Maximize Thermal Conductivity, 100% Grease-Free
Crydom Heat Transfer Pads offer a clean, easy-to-use and grease-free alternative
to conventional mica or grease while maximizing the thermal conductivity.
Installation is simple, pads are die cut to fit perfectly with Crydom SSRs. To order heat
transfer pad attached to panel mount relays, add suffix “H” to part number.
TP01 All Single Phase Panel Mount SSRs
TP03 Three Phase (53TP)
and Auxiliary Function Modules and
M50 Power Modules, non-adhesive
Protective Covers
KS100, KS300, KS100-SMR
TP01, TP03, TPEZ, TPCM
Protects Terminals for Safety
Custom Fit for Most Crydom SSRs
Made of durable, clear polycarbonate, these
removable covers provide additional protection from
electrical shock by covering the SSR terminals.
KS100
Standard Package, Single Phase SSRs
KS300
Three Phase (53TP)
KS100-SMR SMR, SMR-6 Series and MC Series
SSR Filters
Single and Three Phase
Suppresses EMI Noise
Simple Installation
All AC Solid State Relays generate low frequency
thyristor noise which may exceed some industrial
standards (e.g. EN50061) at the lower end of the
frequency
spectrum
(150-250kHz).
Crydom’s
patented filter design connects easily and offer up to
50% reduction in thyristor noise
1F25
SSR Filter - Single Phase
3F20
SSR Filter - Three Phase (53TP)
3F20-4
SSR Filter - Three Phase (with neutral)
D06D
60-100Amp
60 Vdc
DC MOSFET Output
Low On-State Resistance
The D06D products feature MOSFET technology and the proven durability of
the D1D models with up to 100 Amps output in a single industry standard package.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
10 ms
Vdc
Adc
Vdc
mA
Vdc
Adc
D06D60
0-60
.005-60
3.5-32
1.6
1.0
180
D06D80
0-60
.005-80
3.5-32
1.6
1.0
220
D06D100
0-60
.005-100 3.5-32
1.6
1.0
270
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage:2500 Vrms
TPEZ EZ
TPCM CMD, CMA
Crydom
Heat Sinks
Meet or Exceed Crydom’s Heat
Dissipation Requirements
Pre-Drilled and Tapped
Thermal management is a important consideration in the use of panel solid
state relays due to the contact dissipation (typically 1W per Amp). Crydom
heat sinks are engineered to match the heat dissipation requirements of Crydom
solid state relays. Pre-drilled and tapped for quick, seamless installations.
Panel Mount - Accessories
K/W
SSR
Mounting
2.1
1.5
0.7
0.4
HS-1
HS-2
HE-54
HE-90
Single Phase
Single Phase
Single Phase
(3) Single Phase or (1) Three Phase
Panel Mount
Panel Mount
Panel Mount
Panel Mount
HS8.1
HS8.3
HE13DR
2.0
3.5
0.8
Single Phase
Single Phase
(3) Single Phase or (1) Three Phase
DIN Mount
DIN Mount
DIN Mount
MS1
1.4
Single Phase
DIN Mount
MS2
2.5
Single Phase
DIN Mount
MS3
1.0
(3) Single Phase or (1) Three Phase
DIN Mount
MS4
4.5
Single Phase
DIN Mount
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com