Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSP2425CS Datasheet(PDF) 13 Page - Crydom Inc.,

Part # MCSP2425CS
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCSP2425CS Datasheet(HTML) 13 Page - Crydom Inc.,

Back Button MCSP2425CS Datasheet HTML 9Page - Crydom Inc., MCSP2425CS Datasheet HTML 10Page - Crydom Inc., MCSP2425CS Datasheet HTML 11Page - Crydom Inc., MCSP2425CS Datasheet HTML 12Page - Crydom Inc., MCSP2425CS Datasheet HTML 13Page - Crydom Inc., MCSP2425CS Datasheet HTML 14Page - Crydom Inc., MCSP2425CS Datasheet HTML 15Page - Crydom Inc., MCSP2425CS Datasheet HTML 16Page - Crydom Inc., MCSP2425CS Datasheet HTML 17Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
DIN rail Mount Solid State Relays
CKR
10-30Amp
120/240/480/600 Vac
SCR AC Switch Output
Zero Cross or Random Turn-on
LED Status Indicator
Slim Package, Only 22mm Wide
Crydom’s
proprietary
thermal
management
technology makes for an efficient and compact
package. Safe and easy-to-use box clamp terminals
with integral heat sink complete the package. Model
choices include zero-voltage or random turn-on
(phase controllable) switching (add suffix -10).
UL 508A SCCR Approved, consult Crydom for actual
ratings.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 12Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CKRD2410
24-280
.15-10
4.5-32
15
1.0
120
UL, CSA, VDE
CKRD2420
24-280
.15-20
4.5-32
15
1.0
250
UL, CSA, VDE
CKRD2430
24-280
.15-30
4.5-32
15
1.0
625
UL, CSA, VDE
CKRD4810
48-530
.15-10
4.5-32
15
1.0
120
UL, CSA, VDE
CKRD4820
48-530
.15-20
4.5-32
15
1.0
250
UL, CSA, VDE
CKRD4830
48-530
.15-30
4.5-32
15
1.0
625
UL, CSA, VDE
CKRD6010
48-660
10
4.0-32
12
1.0
120
UL, CSA, VDE
CKRD6020
48-660
20
4.0-32
12
1.0
250
UL, CSA, VDE
CKRD6030
48-660
30
4.0-32
12
1.0
625
UL, CSA, VDE
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
CKRA2410
24-280
.15-10
90-280
2
10
120
UL, CSA, VDE
CKRA2420
24-280
.15-20
90-280
2
10
250
UL, CSA, VDE
CKRA2430
24-280
.15-30
90-280
2
10
625
UL, CSA, VDE
CKRA4810
48-530
.15-10
90-280
2
10
120
UL, CSA, VDE
CKRA4820
48-530
.15-20
90-280
2
10
250
UL, CSA, VDE
CKRA4830
48-530
.15-30
90-280
2
10
625
UL, CSA, VDE
CKRA6010
48-660
10
90-280
2
10
120
UL, CSA, VDE
CKRA6020
48-660
20
90-280
2
10
250
UL, CSA, VDE
CKRA6030
48-660
30
90-280
2
10
625
UL, CSA, VDE
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms
24Vac input versions available (E suffix)
HPF
20-30Amp
120/240/480 Vac
SCR AC Switch Output
Zero Cross or Random Turn-on
Low Leakage
The HPF series offers an efficient and compact
package capable of switching up to 660Vac. Box
clamp terminals with integral heat sink complete the
package. Options include zero-voltage or random
turn-on (R suffix) phase controllable switching.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
HPF240D20 12-280
.15-20
4-32
5
1.0
250
UL, CSA
HPF240D30 12-280
.15-30
4-32
5
1.0
625
CSA
HPF480D20 48-660
.15-20
4.5-32
5
1.0
250
CSA
HPF480D30 48-660
.15-30
4.5-32
5
1.0
625
CSA
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms
CMR
35-65Amp
120/240/480/600 Vac
SCR AC Switch Output
Zero Cross or Random Turn-on
Crydom’s Coolpak™ integral heat sink technology
creates a package that is efficient with the
convenience of DIN rail mounting. These SPST-NO
solid state relays offer box clamp connections for
safety and ease-of-use. The on-board LED provides
visible status indication. Model choices include
zero-voltage or random turn-on (phase controllable)
switching (add suffix -10). UL 508A SCCR Approved,
consult Crydom for actual ratings
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CMRD2435 24-280
.15-35
3-32
17
1.0
250
UL, CSA, VDE
CMRD2445 24-280
.15-45
3-32
17
1.0
625
UL, CSA, VDE
CMRD2455 24-280
.25-55
3-32
17
1.0
1000
UL, CSA, VDE
CMRD2465 24-280
.25-65
3-32
17
1.0
1200
UL, CSA, VDE
CMRD4835 48-530
.15-35
4-32
14
1.0
250
UL, CSA, VDE
CMRD4845 48-530
.15-45
4-32
14
1.0
625
UL, CSA, VDE
CMRD4855 48-530
.25-55
4-32
14
1.0
1000
UL, CSA, VDE
CMRD4865 48-530
.25-65
4-32
14
1.0
1200
UL, CSA, VDE
CMRD6035 48-660
.15-35
4-32
14
1.0
250
UL, CSA, VDE
CMRD6045 48-660
.15-45
4-32
14
1.0
625
UL, CSA, VDE
CMRD6055 48-660
.25-55
4-32
14
1.0
1000
UL, CSA, VDE
CMRD6065 48-660
.25-65
4-32
14
1.0
1200
UL, CSA, VDE
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
CMRA2435 24-280
.15-35
90-140
15
10
250
UL, CSA, VDE
CMRA2445 24-280
.15-45
90-140
15
10
625
UL, CSA, VDE
CMRA2455 24-280
.25-55
90-140
15
10
1000
UL, CSA, VDE
CMRA2465 24-280
.25-65
90-140
15
10
1200
UL, CSA, VDE
CMRA4835 48-530
.15-35
90-140
15
10
250
UL, CSA, VDE
CMRA4845 48-530
.15-45
90-140
15
10
625
UL, CSA, VDE
CMRA4855 48-530
.25-55
90-140
15
10
1000
UL, CSA, VDE
CMRA4865 48-530
.25-65
90-140
15
10
1200
UL, CSA, VDE
CMRA6035 48-660
.15-35
90-140
15
10
250
UL, CSA, VDE
CMRA6045 48-660
.15-45
90-140
15
10
625
UL, CSA, VDE
CMRA6055 48-660
.25-55
90-140
15
10
1000
UL, CSA, VDE
CMRA6065 48-660
.25-65
90-140
15
10
1200
UL, CSA, VDE
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms
24Vac input versions available (E suffix)
MS11
LED Status Indicator (Input)
DIN rail Mount for PCB products
Line
Load
Control
Control
Must
Surge
Must
Surge
Voltage
Voltage
Voltage
Current
Curre nt Release Current
Range
Range
Range
@5/24Vdc Volt age 1-Cycle
AC Output
Vrms
Arms
Vdc
mA
mA
Vdc
Apk
MS11-CX240D5
12-280
.06 -5
3-15
15
1.0
250
MS11-CXE240D5
12-280
.06 -5
15-32
15
1.0
250
Line
Load
Control
Control
Voltage
Curre
Curre nt
Release Current
Range
Range
Range
@5Vdc
Voltage
10ms
DC Output
Vdc
Adc
Vdc
Vdc
Apk
MS11-CMX60D5
0-60
0-5
3-10
15
1.0
60
MS11-CMX60D10
0-60
0-10
3-10
15
1.0
100
MS11-CMX100D6
0-100
0-6
3-10
15
1.0
100
MS11-CMX200D3
0-200
0-3
3-10
15
1.0
30
Designed specifically for a variety of Crydom’s PCB mount solid state relays, the
MS11 provides a secure and convenient DIN rail mount with an input status LED.
Other Crydom products and competitive part number cross-reference available at: www.crydom.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com