Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ES1AF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1AF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ES1AF Datasheet HTML 1Page - Pan Jit International Inc. ES1AF Datasheet HTML 2Page - Pan Jit International Inc. ES1AF Datasheet HTML 3Page - Pan Jit International Inc. ES1AF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
April 10,2012-REV.00
ES1AF SERIES
RATING AND CHARACTERISTIC CURVES
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC, Case Temperature (°C)
Fig.3 Typical Reverse Characteristics
Fig.6 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TA = 75°C
TA = 150°C
TA = 25°C
TA = 125°C
ES1AF ~ ES1DF
0.001
0.01
0.1
1
10
100
50
100
150
200
VR , Peak Reverse Voltage (V)
T
A = 25°C
T
A = 75°C
TA = 125°C
T
A = 150°C
ES1AF ~ ES1DF
Fig.4 Typical Reverse Characteristics
0.001
0.01
0.1
1
10
100
100
150
200
250
300
350
400
VR , Peak Reverse Voltage (V)
TA = 150°C TA = 125°C
TA = 75°C
TA = 25°C
ES1EF ~ ES1GF
Fig.5 Typical Reverse Characteristics
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
ES1JF
TA = 150°C
TA = 125°C
TA = 75°C
TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com