Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AF Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # ES1AF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1AF Datasheet(HTML) 3 Page - Pan Jit International Inc.

  ES1AF Datasheet HTML 1Page - Pan Jit International Inc. ES1AF Datasheet HTML 2Page - Pan Jit International Inc. ES1AF Datasheet HTML 3Page - Pan Jit International Inc. ES1AF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
April 10,2012-REV.00
ES1AF SERIES
RATING AND CHARACTERISTIC CURVES
Fig.7 Typical Forward Characteristics
0.01
0.1
1
10
0
0.5
1
1.5
VF, Forward Voltage (V)
ES1EF ~ ES1GF
TA = 150°C
TA = 125°C
TA = 75°C
TA = 25°C
0.01
0.1
1
10
0
0.5
1
1.5
2
VF, Forward Voltage (V)
TA = 75°C
TA = 25°C
ES1JF
TA = 150°C
TA = 125°C
Fig.8 Typical Forward Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com