Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10ACWM Datasheet(PDF) 3 Page - Texas Instruments

Part # MF10ACWM
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF10ACWM Datasheet(HTML) 3 Page - Texas Instruments

  MF10ACWM Datasheet HTML 1Page - Texas Instruments MF10ACWM Datasheet HTML 2Page - Texas Instruments MF10ACWM Datasheet HTML 3Page - Texas Instruments MF10ACWM Datasheet HTML 4Page - Texas Instruments MF10ACWM Datasheet HTML 5Page - Texas Instruments MF10ACWM Datasheet HTML 6Page - Texas Instruments MF10ACWM Datasheet HTML 7Page - Texas Instruments MF10ACWM Datasheet HTML 8Page - Texas Instruments MF10ACWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ −V−)
14V
Voltage at Any Pin
V
+ + 0.3V
V
− − 0.3V
Input Current at Any Pin (Note 2)
5 mA
Package Input Current (Note 2)
20 mA
Power Dissipation (Note 3)
500 mW
Storage Temperature
150˚C
ESD Susceptability (Note 11)
2000V
Soldering Information
N Package: 10 sec
260˚C
SO Package:
Vapor Phase (60 Sec.)
215˚C
Infrared (15 Sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their
Effect on Product Reliability” (Appendix D) for other
methods of soldering surface mount devices.
Operating Ratings (Note 1)
Temperature Range
T
MIN ≤ TA ≤ TMAX
MF10ACN, MF10CCN
0˚C
≤ T
A ≤ 70˚C
MF10CCWM
0˚C
≤ T
A ≤ 70˚C
Electrical Characteristics
V
+ = +5.00V and V− = −5.00V unless otherwise specified. Boldface limits apply for T
MIN to TMAX; all other limits TA =TJ =
25˚C.
MF10ACN, MF10CCN,
MF10CCWM
Symbol
Parameter
Conditions
Typical
Tested
Design
Units
(Note
8)
Limit
Limit
(Note
9)
(Note
10)
V
+ −
V
−
Supply Voltage
Min
9
V
Max
14
V
I
S
Maximum Supply
Clock Applied to Pins 10 &
11
812
12
mA
Current
No Input
Signal
f
O
Center Frequency
Min
f
O xQ < 200 kHz
0.1
0.2
Hz
Range
Max
30
20
kHz
f
CLK
Clock Frequency
Min
5.0
10
Hz
Range
Max
1.5
1.0
MHz
f
CLK/fO
50:1 Clock to
Center Frequency
Ratio Deviation
MF10A
Q = 10
Mode 1
V
pin12 =5V
f
CLK = 250
KHz
±0.2
±0.6
±0.6
%
MF10C
±0.2
±1.5
±1.5
%
f
CLK/fO
100:1 Clock to
Center Frequency
Ratio Deviation
MF10A
Q = 10
Mode 1
V
pin12 =0V
f
CLK = 500
kHz
±0.2
±0.6
±0.6
%
MF10C
±0.2
±1.5
±1.5
%
Clock Feedthrough
Q = 10
Mode 1
10
mV
Q Error (MAX)
Q = 10
V
pin12 =5V
±2
±6
±6
%
(Note 4)
Mode 1
f
CLK = 250
kHz
V
pin12 =0V
±2
±6
±6
%
f
CLK = 500
kHz
H
OLP
DC Lowpass Gain
Mode 1 R1 = R2 = 10k
0
±0.2
±0.2
dB
V
OS1
DC Offset Voltage (Note 5)
±5.0
±20
±20
mV
V
OS2
DC Offset Voltage
Min
V
pin12 = +5V
S
A/B =V
+
−150
−185
−185
mV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com