Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10ACWM Datasheet(PDF) 10 Page - Texas Instruments

Part # MF10ACWM
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF10ACWM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MF10ACWM Datasheet HTML 6Page - Texas Instruments MF10ACWM Datasheet HTML 7Page - Texas Instruments MF10ACWM Datasheet HTML 8Page - Texas Instruments MF10ACWM Datasheet HTML 9Page - Texas Instruments MF10ACWM Datasheet HTML 10Page - Texas Instruments MF10ACWM Datasheet HTML 11Page - Texas Instruments MF10ACWM Datasheet HTML 12Page - Texas Instruments MF10ACWM Datasheet HTML 13Page - Texas Instruments MF10ACWM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1.0 Definition of Terms (Continued)
H
OLP: the gain (in V/V) of the lowpass output as f → 0Hz
(
Figure 2).
H
OHP: the gain (in V/V) of the highpass output as f → fCLK/2
(
Figure 3).
H
ON: the gain (in V/V) of the notch output as f → 0 Hz and as
f → f
CLK/2, when the notch filter has equal gain above and
below
the
center
frequency
(
Figure
4).
When
the
low-frequency gain differs from the high-frequency gain, as
in modes 2 and 3a (
Figure 11 and Figure 8), the two quan-
tities below are used in place of H
ON.
H
ON1: the gain (in V/V) of the notch output as f → 0 Hz.
H
ON2: the gain (in V/V) of the notch output as f → fCLK/2.
01039905
(a)
01039906
(b)
01039956
FIGURE 1. 2nd-Order Bandpass Response
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com