Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSTV32852GKFREP Datasheet(PDF) 3 Page - Texas Instruments

Part # CSSTV32852GKFREP
Description  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSSTV32852GKFREP Datasheet(HTML) 3 Page - Texas Instruments

  CSSTV32852GKFREP Datasheet HTML 1Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 2Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 3Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 4Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 5Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 6Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 7Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 8Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
1D
C1
R
To23OtherChannels
R3
A2
RESET
Q1A
A4
CLK
A3
CLK
R4
V
REF
T2
D1
A5
Q1B
Oneof24Channels
ABSOLUTE MAXIMUM RATINGS
(1)
SN74SSTV32852-EP
24-BIT TO 48-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES700 – OCTOBER 2007
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC or
Supply voltage range
–0.5 to 3.6
V
VDDQ
VI
Input voltage range(2)(3)
–0.5 to VCC + 0.5
V
VO
Output voltage range(2)(3)
–0.5 to VDDQ + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0 or VO > VDDQ
±50
mA
IO
Continuous output current
VO = 0 to VDDQ
±50
mA
Continuous current through each VCC, VDDQ, or GND
±100
mA
θJA
Package thermal impedance(4)
36
°C/W
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 3.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74SSTV32852-EP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com