Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSTV32852GKFREP Datasheet(PDF) 4 Page - Texas Instruments

Part # CSSTV32852GKFREP
Description  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSSTV32852GKFREP Datasheet(HTML) 4 Page - Texas Instruments

  CSSTV32852GKFREP Datasheet HTML 1Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 2Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 3Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 4Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 5Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 6Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 7Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 8Page - Texas Instruments CSSTV32852GKFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
SN74SSTV32852-EP
24-BIT TO 48-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES700 – OCTOBER 2007
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
2.7
V
VDDQ
Output supply voltage
2.3
2.7
V
VREF
Reference voltage (VREF = VDDQ/2)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF – 40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs
VREF + 310 mV
V
VIL
AC low-level input voltage
Data inputs
VREF – 310 mV
V
VIH
DC high-level input voltage
Data inputs
VREF + 150 mV
V
VIL
DC low-level input voltage
Data inputs
VREF – 150 mV
V
VIH
High-level input voltage
RESET
1.7
V
VIL
Low-level input voltage
RESET
0.7
V
VICR
Common-mode input voltage range
CLK, CLK
0.97
1.53
V
VI(PP)
Peak-to-peak input voltage
CLK, CLK
360
mV
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
TA
Operating free-air temperature
-40
85
°C
(1)
The RESET input of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The differential
inputs must not be floating unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs,
literature number SCBA004.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
II = –18 mA
2.3 V
–1.2
V
IOH = –100 μA
2.3 V to 2.7 V
VDDQ – 0.2
V
VOH
IOH = –16 mA
2.3 V
1.95
IOL = 100 μA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 16 mA
2.3 V
0.35
II
All inputs
VI = VCC or GND
2.7 V
±5
μA
Static standby
RESET = GND
IO = 0
10
μA
ICC
2.7 V
Static operating
RESET = VCC, VI= VIH(AC) or VIL(AC)
35
mA
RESET = VCC, VI = VIH(AC) or VIL(AC),
IO = 0
Dynamic operating –
μA/
CLK and CLK switching 50% duty
46
clock only
MHz
cycle
RESET = VCC, VI = VIH(AC) or VIL(AC),
ICCD
2.7 V
μA/
CLK and CLK switching 50% duty
Dynamic operating –
clock
cycle, one data input switching at
12
per each data input
MHz/
one-half clock frequency, 50% duty
D input
cycle
rOH
Output high
IOH = –20 mA
2.3 V to 2.7 V
7
20
Ω
rOL
Output low
IOL = 20 mA
2.3 V to 2.7 V
7
20
Ω
Data inputs
VI = VREF ± 310 mV
3
3.75
4.25
CI
CLK, CLK
VICR = 1.25 V, VI(PP) = 360 mV
2.5 V
3
3.5
4
pF
RESET
VI = VCC or GND
3.5
4.35
5
(1)
All typical values are at VCC = 2.5 V, TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): SN74SSTV32852-EP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com