Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAD01C Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 2 Page - SONiX Technology Company

  SNAD01C Datasheet HTML 1Page - SONiX Technology Company SNAD01C Datasheet HTML 2Page - SONiX Technology Company SNAD01C Datasheet HTML 3Page - SONiX Technology Company SNAD01C Datasheet HTML 4Page - SONiX Technology Company SNAD01C Datasheet HTML 5Page - SONiX Technology Company SNAD01C Datasheet HTML 6Page - SONiX Technology Company SNAD01C Datasheet HTML 7Page - SONiX Technology Company SNAD01C Datasheet HTML 8Page - SONiX Technology Company SNAD01C Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
AMENDMENT HISTORY
Version
Date
Description
Ver 1.1
February 12, 2003
First issue.
Ver 1.4
March 18, 2003
Page3: wording modification in FEATURES list
Page8: modify Table-3 control register setting
Page10: modify Figure-10
Page11: “enters into power down mode at the 8
th clock cycle”
Page11: more descript about power-down mode setting
Page24: add command “@Set_Control_Reg #0, #1, #0, #0” in
demo program to make sure turn off RF & MB before power-down
Ver 1.5
July 31, 2003
1. Add version code “C” of chip no.
2. Add one item in electrical characteristics
3. Page23: MB=1
4. This spec is modified form SNAD01_V1.4
Note:
This document is used to identify the different version “B” & “C” of SNAD01, the
most important is standby current and power down setting between version “B” &
“C”. For the detail please refer to related section.
Version: 1.5
July 31, 2003
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com