Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAD01C Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 3 Page - SONiX Technology Company

  SNAD01C Datasheet HTML 1Page - SONiX Technology Company SNAD01C Datasheet HTML 2Page - SONiX Technology Company SNAD01C Datasheet HTML 3Page - SONiX Technology Company SNAD01C Datasheet HTML 4Page - SONiX Technology Company SNAD01C Datasheet HTML 5Page - SONiX Technology Company SNAD01C Datasheet HTML 6Page - SONiX Technology Company SNAD01C Datasheet HTML 7Page - SONiX Technology Company SNAD01C Datasheet HTML 8Page - SONiX Technology Company SNAD01C Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
1. GENERAL DESCRIPTION
SNAD01C is a low cost serial 8-bits ADC with 8 individual input channels. Each channel can be
independently programmed to a digital or analog input mode. In the analog input mode, this
single-ended channel accepts an analog input signal from 0 to VREF and converts the signal into
12-bit digital codes (with 8-bit accuracy guaranteed). In the digital input mode, the channel can be
treated as digital input port and the logic level appears at the channel can be acquired. SNAD01C
has a synchronous 3-wires serial interface. Through this interface, the host CPU can easily control
SNAD01C.
During A-to-D conversion, the typical current consumption is 500uA at 25kHz throughput-rate and
+3V power supply. SNAD01C includes a power-down mode, which reduces maximum current
consumption less than 1uA.
The reference voltage can be varied between 1V and +VCC, providing a corresponding input
voltage range of 0V to VREF. SNAD01C also has an on-chip 1.17V bandgap reference that can be
utilized for constant voltage input (especially for battery monitoring applications). The bandgap
reference circuitry consumes 300
µA@3v and can be enabled and disabled.
2. FEATURES
♦
♦
♦
♦
♦
♦
♦
Single Supply: 2.7V ~ 5.25V
Eight Analog/Digital Input Channels.
Internal 1.17v Bandgap Reference for Battery Monitoring. (Channel 7)
Low Power Consumption: typical operating current: 500uA @ 3V, Standby current <1uA.
Up to 25kHz Conversion Rate.
12-bits ADC with 8-bit effective number of bits
3-Wire Serial Interface.
3. APPLICATIONS
♦
♦
♦
♦
♦
♦
♦
Battery-Powered Systems
Instrumentation
Portable Data Logging
Test Equipment
Data Acquisition
Process-Control Monitoring
Digital Input Bus Extender
Version: 1.5
July 31, 2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com