Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAD02C Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company SNAD02C Datasheet HTML 11Page - SONiX Technology Company SNAD02C Datasheet HTML 12Page - SONiX Technology Company SNAD02C Datasheet HTML 13Page - SONiX Technology Company SNAD02C Datasheet HTML 14Page - SONiX Technology Company SNAD02C Datasheet HTML 15Page - SONiX Technology Company SNAD02C Datasheet HTML 16Page - SONiX Technology Company SNAD02C Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
6.9. Battery Monitoring (Channel 7 only)
ENCH[7]
to ADC
DI[7]
VSS
20k
10k
30k
VSS
Battery
ENCH[7]
VDD
VSS
CH[7]
PH&ENCH[x]
PL&ENCH[x]
Figure-12 The circuit of the Input pad of Channel 7
(1) While read ADC command is sent and channel 7 is selected, ADC can be used to monitor the
battery voltage.
(2) The circuit of battery voltage monitoring is shown in Figure-12 (Channel7 only)
(3) The battery voltage is six times ADC measuring voltage. Thus, the measured result equals to
1/6*battery voltage.
(4) While channel 7 is set to the analog input mode, an input resistor (60k
Ω) exists from CH[7] to
VSS. To save unnecessary power consumption, CH[7] should be switch to digital input type
when CH[7] is not measured.
Note:
CH[7] is different from the other 7 channels. The input voltage is reduced to 1/6 before it is sent into
ADC.
Version: 1.3
July 31, 2003
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com