Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
MSP430F643x
www.ti.com
SLAS720B – AUGUST 2010 – REVISED AUGUST 2012
Table 42. 32-bit Hardware Multiplier Registers (Base Address: 04C0h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
32-bit operand 1 – multiply accumulate low word
MAC32L
18h
32-bit operand 1 – multiply accumulate high word
MAC32H
1Ah
32-bit operand 1 – signed multiply accumulate low word
MACS32L
1Ch
32-bit operand 1 – signed multiply accumulate high word
MACS32H
1Eh
32-bit operand 2 – low word
OP2L
20h
32-bit operand 2 – high word
OP2H
22h
32 × 32 result 0 – least significant word
RES0
24h
32 × 32 result 1
RES1
26h
32 × 32 result 2
RES2
28h
32 × 32 result 3 – most significant word
RES3
2Ah
MPY32 control register 0
MPY32CTL0
2Ch
Table 43. DMA Registers (Base Address DMA General Control: 0500h,
DMA Channel 0: 0510h, DMA Channel 1: 0520h, DMA Channel 2: 0530h, DMA Channel 3: 0540h, DMA
Channel 4: 0550h, DMA Channel 5: 0560h)
REGISTER DESCRIPTION
REGISTER
OFFSET
DMA General Control: DMA module control 0
DMACTL0
00h
DMA General Control: DMA module control 1
DMACTL1
02h
DMA General Control: DMA module control 2
DMACTL2
04h
DMA General Control: DMA module control 3
DMACTL3
06h
DMA General Control: DMA module control 4
DMACTL4
08h
DMA General Control: DMA interrupt vector
DMAIV
0Ah
DMA Channel 0 control
DMA0CTL
00h
DMA Channel 0 source address low
DMA0SAL
02h
DMA Channel 0 source address high
DMA0SAH
04h
DMA Channel 0 destination address low
DMA0DAL
06h
DMA Channel 0 destination address high
DMA0DAH
08h
DMA Channel 0 transfer size
DMA0SZ
0Ah
DMA Channel 1 control
DMA1CTL
00h
DMA Channel 1 source address low
DMA1SAL
02h
DMA Channel 1 source address high
DMA1SAH
04h
DMA Channel 1 destination address low
DMA1DAL
06h
DMA Channel 1 destination address high
DMA1DAH
08h
DMA Channel 1 transfer size
DMA1SZ
0Ah
DMA Channel 2 control
DMA2CTL
00h
DMA Channel 2 source address low
DMA2SAL
02h
DMA Channel 2 source address high
DMA2SAH
04h
DMA Channel 2 destination address low
DMA2DAL
06h
DMA Channel 2 destination address high
DMA2DAH
08h
DMA Channel 2 transfer size
DMA2SZ
0Ah
DMA Channel 3 control
DMA3CTL
00h
DMA Channel 3 source address low
DMA3SAL
02h
DMA Channel 3 source address high
DMA3SAH
04h
DMA Channel 3 destination address low
DMA3DAL
06h
DMA Channel 3 destination address high
DMA3DAH
08h
DMA Channel 3 transfer size
DMA3SZ
0Ah
DMA Channel 4 control
DMA4CTL
00h
DMA Channel 4 source address low
DMA4SAL
02h
Copyright © 2010–2012, Texas Instruments Incorporated
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com