Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
MSP430F643x
www.ti.com
SLAS720B – AUGUST 2010 – REVISED AUGUST 2012
Table 51. LDO and Port U Configuration Registers (Base Address: 0900h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LDO key/ID register
LDOKEYID
00h
PU port control
PUCTL
04h
LDO power control
LDOPWRCTL
08h
Table 52. LCD_B Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LCD_B control register 0
LCDBCTL0
000h
LCD_B control register 1
LCDBCTL1
002h
LCD_B blinking control register
LCDBBLKCTL
004h
LCD_B memory control register
LCDBMEMCTL
006h
LCD_B voltage control register
LCDBVCTL
008h
LCD_B port control register 0
LCDBPCTL0
00Ah
LCD_B port control register 1
LCDBPCTL1
00Ch
LCD_B port control register 2
LCDBPCTL2
00Eh
LCD_B charge pump control register
LCDBCTL0
012h
LCD_B interrupt vector word
LCDBIV
01Eh
LCD_B memory 1
LCDM1
020h
LCD_B memory 2
LCDM2
021h
⋮
⋮
⋮
LCD_B memory 22
LCDM22
035h
LCD_B blinking memory 1
LCDBM1
040h
LCD_B blinking memory 2
LCDBM2
041h
⋮
⋮
⋮
LCD_B blinking memory 22
LCDBM22
055h
Copyright © 2010–2012, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com