Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7103CVFPR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS7103CVFPR
Description  ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7103CVFPR Datasheet(HTML) 2 Page - Texas Instruments

  THS7103CVFPR Datasheet HTML 1Page - Texas Instruments THS7103CVFPR Datasheet HTML 2Page - Texas Instruments THS7103CVFPR Datasheet HTML 3Page - Texas Instruments THS7103CVFPR Datasheet HTML 4Page - Texas Instruments THS7103CVFPR Datasheet HTML 5Page - Texas Instruments THS7103CVFPR Datasheet HTML 6Page - Texas Instruments THS7103CVFPR Datasheet HTML 7Page - Texas Instruments THS7103CVFPR Datasheet HTML 8Page - Texas Instruments THS7103CVFPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THS7103
SLOS387 − DECEMBER 2001
2
www.ti.com
THS7103 Features
Device
Application
Transmit
Bandpass Filter†
Receiver
Lowpass Filter
THS7103
ADSL (ISDN)
268 kHz to 1.3 MHz
238 kHz
† When used in conjunction with the appropriate input capacitor (see the functional block
diagram information)
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
TA
PowerPAD (VFP)
0
°C to 70°C
THS7103CVFP
−40
°C to 85°C
THS7103IVFP
absolute maximum ratings over operating free-air temperature (unless otherwise noted)‡
Supply voltage, VCCL, VCCOP1, VCCOP2 (see Note 1)
17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
GND, VCCL, VCCOPx
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (see Note 2): Tx outputs
400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Rx outputs
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BUF outputs
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating:
HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CDM
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MM
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature
(see Note 2)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA:
C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. VCCL must always be equal to VCCOP1 and VCCOP2
2. The THS7103 incorporates a PowerPAD
 on the underside of the chip. This acts as a heatsink and must be connected to a thermally
dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature which
could permanently damage the device.
DISSIPATION RATING TABLE§
PACKAGE
θJA
(
°C/W)
θJC
(
°C/W)
TA = 25°C¶
POWER RATING
TA = 70°C¶
POWER RATING
TA = 85°C¶
POWER RATING
VFP
29.4
0.96
3.57 W
2.04 W
1.53 W
§ This data was taken using 2 oz. trace and copper pad that is soldered directly to a JEDEC standard 4 layer 3 in × 3 in PCB.
¶ The power rating is determined with a junction temperature of 130°C. This is the junction temperature at which distortion
begins to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
125
°C for the best performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com