Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7103CVFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS7103CVFPR
Description  ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7103CVFPR Datasheet(HTML) 7 Page - Texas Instruments

  THS7103CVFPR Datasheet HTML 1Page - Texas Instruments THS7103CVFPR Datasheet HTML 2Page - Texas Instruments THS7103CVFPR Datasheet HTML 3Page - Texas Instruments THS7103CVFPR Datasheet HTML 4Page - Texas Instruments THS7103CVFPR Datasheet HTML 5Page - Texas Instruments THS7103CVFPR Datasheet HTML 6Page - Texas Instruments THS7103CVFPR Datasheet HTML 7Page - Texas Instruments THS7103CVFPR Datasheet HTML 8Page - Texas Instruments THS7103CVFPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
THS7103
SLOS387 − DECEMBER 2001
7
www.ti.com
APPLICATION INFORMATION
VAG
Ci§
Ci§
VIN‡
TXINP
TXINN
1BUFIN
1BUFOUT
BUFEN
2BUFOUT
2BUFIN
RXCM
RXOUTP
RXOUTN
TXEN1
TXEN2
TXAS1
TXAF
TXAS2
TXBS2
TXBF
TXBS1
VCCON
RXPO
RXPI
RXPN
RXMN
RXMI
RXMO
VCCOP2
RxOut
RS†
VA
15 V
VB
RL
15 V
VCCL
GND
VCCOP1
THS7103
1:N
TXCM
RS†
Point A
Point A
VAG
† Output impedance of transmit driver at point A = 10 × RS
‡ Maximum input of VIN = 3 Vpp.
§ In ADSL systems, it is recommended to use Ci = 390 pF for the THS7103. For testing purposes, use Ci = 0.1 µF.
Figure 1. Typical THS7103 Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com