Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8A1702AX Datasheet(PDF) 80 Page - SONiX Technology Company

Part # SN8A1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 80 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 76Page - SONiX Technology Company SN8A1702AX Datasheet HTML 77Page - SONiX Technology Company SN8A1702AX Datasheet HTML 78Page - SONiX Technology Company SN8A1702AX Datasheet HTML 79Page - SONiX Technology Company SN8A1702AX Datasheet HTML 80Page - SONiX Technology Company SN8A1702AX Datasheet HTML 81Page - SONiX Technology Company SN8A1702AX Datasheet HTML 82Page - SONiX Technology Company SN8A1702AX Datasheet HTML 83Page - SONiX Technology Company SN8A1702AX Datasheet HTML 84Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 80
Revision 0.5
INTEN INTERRUPT ENABLE REGISTER
INTEN is the interrupt request control register including two internal interrupts, one external interrupts enable control
bits. One of the register to be set “1” is to enable the interrupt request function. Once of the interrupt occur, the
program jump to ORG 8 to execute interrupt service routines. The program exits the interrupt service routine when the
returning interrupt service routine instruction (RETI) is executed.
INTEN initial value = x000 0000
0C9H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTEN
0
TC1IEN
TC0IEN
0
0
0
0
P00IEN
-
R/W
R/W
-
-
-
-
R/W
Bit0
P00IEN:External P0.0 interrupt control bit.
0 = disable,
1 = enable.
Bit5
TC0IEN:Timer interrupt control bit.
0 = disable,
1 = enable.
Bit6
TC1IEN:Timer interrupt control bit.
0 = disable,
1 = enable.
INTRQ INTERRUPT REQUEST REGISTER
INTRQ is the interrupt request flag register. The register includes all interrupt request indication flags. Each one of
these interrupt request occurs, the bit of the INTRQ register would be set “1”. The INTRQ value needs to be clear by
programming after detecting the flag. In the interrupt vector of program, users know the any interrupt requests
occurring by the register and do the routine corresponding of the interrupt request.
INTRQ initial value = x000 0000
0C8H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTRQ
0
TC1IRQ
TC0IRQ
0
0
0
0
P00IRQ
-
R/W
R/W
-
-
-
-
R/W
Bit0
P00IRQ:External P0.0 interrupt request bit.
0 = non-request
1 = request.
Bit5
TC0IRQ:TC0 timer interrupt request controls bit.
0 = non request
1 = request.
Bit6
TC1IRQ:TC1 timer interrupt request controls bit.
0 = non request
1 = request.
When interrupt occurs, the related request bit of INTRQ register will be set to “1” no matter the related enable bit of
INTEN register is enabled or disabled. If the related bit of INTEN = 1 and the related bit of INTRQ is also set to be “1”.
As the result, the system will execute the interrupt vector (ORG 8). If the related bit of INTEN = 0, moreover, the
system won’t execute interrupt vector even when the related bit of INTRQ is set to be “1”. Users need to be cautious
with the operation under multi-interrupt situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com