Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8A1702AX Datasheet(PDF) 98 Page - SONiX Technology Company

Part # SN8A1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 98 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 94Page - SONiX Technology Company SN8A1702AX Datasheet HTML 95Page - SONiX Technology Company SN8A1702AX Datasheet HTML 96Page - SONiX Technology Company SN8A1702AX Datasheet HTML 97Page - SONiX Technology Company SN8A1702AX Datasheet HTML 98Page - SONiX Technology Company SN8A1702AX Datasheet HTML 99Page - SONiX Technology Company SN8A1702AX Datasheet HTML 100Page - SONiX Technology Company SN8A1702AX Datasheet HTML 101Page - SONiX Technology Company SN8A1702AX Datasheet HTML 102Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 98
Revision 0.5
ADC CONVERTING TIME
12-bit ADC conversion time = 1/(ADC clock /4)*16 sec
8-bit ADC conversion time = 1/(ADC clock /4)*12 sec
High clock (Fosc) is @3.58MHz
ADLEN
ADCKS1
ADCKS0
ADC Clock
ADC conversion time
0
0
Fcpu/4
1/((3.58MHz/4)/4/4)*12 = 214.5 us
0
1
Fcpu/2
1/((3.58MHz/4)/2/4)*12 = 107.3 us
1
0
Fhosc
1/(3.58MHz/4)*12 = 13.4 us
0 (8-bit)
1
1
Fhosc/2
1/(3.58MHz/2/4)*12 = 26.8 us
0
0
Fcpu/4
1/((3.58MHz/4)/4/4)*16 = 286 us
0
1
Fcpu/2
1/((3.58MHz/4)/2/4)*16 = 143 us
1
0
Fhosc
1/(3.58MHz/4)*16 = 17.9 us
1 (12-bit)
1
1
Fhosc/2
1/(3.58MHz/2/4)*16 = 35.8 us
Example: To set AIN0 ~ AIN1 for ADC input and executing 12-bit ADC
ADC0:
MOV
A, #60H
B0MOV
ADR, A
; To set 12-bit ADC and ADC clock = Fosc.
B0SET
FP4CON1
;Isolate AIN1 signal to avoid current leakage
B0CLR
FP4CON0
;Pass AIN0 signal into ADC
MOV
A,#90H
B0MOV
ADM,A
; To enable ADC and set AIN0 input
B0SET
P4CON1
; To enable ADC and set AIN0 input
B0BSET
FADS
; To start conversion
WADC0:
B0BTS1
FEOC
; To skip, if end of converting =1
JMP
WADC0
; else, jump to WADC0
B0MOV
A,ADB
; To get AIN0 input data
ADC1:
B0SET
FP4CON0
;Isolate AIN0 signal to avoid current leakage
B0CLR
FP4CON1
;Pass AIN1 signal into ADC
MOV
A,#91H
;
B0MOV
ADM,A
; To enable ADC and set AIN1 input
B0BSET
FADS
; To start conversion
.
.
.
QEXADC:
B0BCLR
FGCHS
; To release AINx input channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com