Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8A1702AX Datasheet(PDF) 105 Page - SONiX Technology Company

Part # SN8A1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 105 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 101Page - SONiX Technology Company SN8A1702AX Datasheet HTML 102Page - SONiX Technology Company SN8A1702AX Datasheet HTML 103Page - SONiX Technology Company SN8A1702AX Datasheet HTML 104Page - SONiX Technology Company SN8A1702AX Datasheet HTML 105Page - SONiX Technology Company SN8A1702AX Datasheet HTML 106Page - SONiX Technology Company SN8A1702AX Datasheet HTML 107Page - SONiX Technology Company SN8A1702AX Datasheet HTML 108Page - SONiX Technology Company SN8A1702AX Datasheet HTML 109Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 105
Revision 0.5
1
1
13
3
3 INSTRUCTION SET TABLE
Field
Mnemonic
Description
C
DC
Z
Cycle
MOV
A,M
A
← M
-
-
√
1
M
MOV
M,A
M
← A
-
-
-
1
O
B0MOV
A,M
A
← M (bank 0)
-
-
√
1
V
B0MOV
M,A
M (bank 0)
← A
-
-
-
1
E
MOV
A,I
A
← I
-
-
-
1
B0MOV
M,I
M
← I, (M = only for Working registers R, Y, Z , RBANK & PFLAG)
-
-
-
1
XCH
A,M
A
←→M
-
-
-
1
B0XCH
A,M
A
←→M (bank 0)
-
-
-
1
MOVC
R, A
← ROM [Y,Z]
-
-
-
2
ADC
A,M
A
← A + M + C, if occur carry, then C=1, else C=0
√
√
√
1
A
ADC
M,A
M
← A + M + C, if occur carry, then C=1, else C=0
√
√
√
1
R
ADD
A,M
A
← A + M, if occur carry, then C=1, else C=0
√
√
√
1
I
ADD
M,A
M
← A + M, if occur carry, then C=1, else C=0
√
√
√
1
T
B0ADD
M,A
M (bank 0)
← M (bank 0) + A, if occur carry, then C=1, else C=0
√
√
√
1
H
ADD
A,I
A
← A + I, if occur carry, then C=1, else C=0
√
√
√
1
M
SBC
A,M
A
← A - M - /C, if occur borrow, then C=0, else C=1
√
√
√
1
E
SBC
M,A
M
← A - M - /C, if occur borrow, then C=0, else C=1
√
√
√
1
T
SUB
A,M
A
← A - M, if occur borrow, then C=0, else C=1
√
√
√
1
I
SUB
M,A
M
← A - M, if occur borrow, then C=0, else C=1
√
√
√
1
C
SUB
A,I
A
← A - I, if occur borrow, then C=0, else C=1
√
√
√
1
DAA
To adjust ACC’s data format from HEX to DEC.
√
-
-
1
AND
A,M
A
← A and M
-
-
√
1
L
AND
M,A
M
← A and M
-
-
√
1
O
AND
A,I
A
← A and I
-
-
√
1
G
OR
A,M
A
← A or M
-
-
√
1
I
OR
M,A
M
← A or M
-
-
√
1
C
OR
A,I
A
← A or I
-
-
√
1
XOR
A,M
A
← A xor M
-
-
√
1
XOR
M,A
M
← A xor M
-
-
√
1
XOR
A,I
A
← A xor I
-
-
√
1
SWAP
M
A (b3~b0, b7~b4)
←M(b7~b4, b3~b0)
-
-
-
1
P
SWAPM
M
M(b3~b0, b7~b4)
← M(b7~b4, b3~b0)
-
-
-
1
R
RRC
M
A
← RRC M
√
-
-
1
O
RRCM
M
M
← RRC M
√
-
-
1
C
RLC
M
A
← RLC M
√
-
-
1
E
RLCM
M
M
← RLC M
√
-
-
1
S
CLR
M
M
← 0
-
-
-
1
S
BCLR
M.b
M.b
← 0
-
-
-
1
BSET
M.b
M.b
← 1
-
-
-
1
B0BCLR
M.b
M(bank 0).b
← 0
-
-
-
1
B0BSET
M.b
M(bank 0).b
← 1
-
-
-
1
CMPRS
A,I
ZF,C
← A - I, If A = I, then skip next instruction
√
-
√
1 + S
B
CMPRS
A,M
ZF,C
← A – M, If A = M, then skip next instruction
√
-
√
1 + S
R
INCS
M
A
← M + 1, If A = 0, then skip next instruction
-
-
-
1 + S
A
INCMS
M
M
← M + 1, If M = 0, then skip next instruction
-
-
-
1 + S
N
DECS
M
A
← M - 1, If A = 0, then skip next instruction
-
-
-
1 + S
C
DECMS
M
M
← M - 1, If M = 0, then skip next instruction
-
-
-
1 + S
H
BTS0
M.b
If M.b = 0, then skip next instruction
-
-
-
1 + S
BTS1
M.b
If M.b = 1, then skip next instruction
-
-
-
1 + S
B0BTS0
M.b
If M(bank 0).b = 0, then skip next instruction
-
-
-
1 + S
B0BTS1
M.b
If M(bank 0).b = 1, then skip next instruction
-
-
-
1 + S
JMP
d
PC15/14
← RomPages1/0, PC13~PC0 ← d
-
-
-
2
CALL
d
Stack
← PC15~PC0, PC15/14 ← RomPages1/0, PC13~PC0 ← d
-
-
-
2
M
RET
PC
← Stack
-
-
-
2
I
RETI
PC
← Stack, and to enable global interrupt
-
-
-
2
S
NOP
No operation
-
-
-
1
C
@SET_PUR
VAL
Enable or disable pull-up resisters. Bit N of VAL: “0” disable port N pull-up, “1” enable port N pull-up
-
-
√
-
Table 13-1. Instruction Set Table
Note 1: Any instruction that read/write from 0SCM, will add an extra cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com