Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1602A Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 17Page - Texas Instruments PCM1602A Datasheet HTML 18Page - Texas Instruments PCM1602A Datasheet HTML 19Page - Texas Instruments PCM1602A Datasheet HTML 20Page - Texas Instruments PCM1602A Datasheet HTML 21Page - Texas Instruments PCM1602A Datasheet HTML 22Page - Texas Instruments PCM1602A Datasheet HTML 23Page - Texas Instruments PCM1602A Datasheet HTML 24Page - Texas Instruments PCM1602A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
MODE CONTROL REGISTERS
User-Programmable Mode Controls
The PCM1602A includes a number of user-programmable functions that are accessed via control registers. The
registers are programmed using the serial control interface that is previously discussed in this data sheet.
Table 3 lists the available mode control functions, along with their reset default conditions and associated register
index.
Table 3. User-Programmable Mode Controls
CONTROL
FUNCTION
RESET DEFAULT
BIT(S) LABEL
REGISTER
AT1[7:0], AT2[7:0],
Digital attenuation control, 0 dB to –63 dB in 0.5-dB steps
0 dB, no attenuation
1 through 6
AT3[7:0], AT4[7:0],
AT51[7:0], AT6[7:0]
Soft mute control
Mute disabled
7
MUT[6:1]
DAC1–DAC6 operation control
DAC1–DAC6 enabled
8
DAC[6:1]
Audio data format control
24-bit standard format
9
FMT[2:0]
Digital filter rolloff control
Sharp rolloff
9
FLT
SCKO frequency selection
Full rate (= fSCKI)
9
CLKD
SCKO output enable
SCKO enabled
9
CLKE
De-emphasis, all channels
De-emphasis all-channel function control
10
DMC
disabled
De-emphasis all-channel sample rate selection
44.1 kHz
10
DMF[1:0]
Output phase select
Normal phase
10
DREV
Zero-flag polarity select
High
10
ZREV
Read-register index control
REG[6:0] = 01h
11
REG[6:0]
Read auto-increment control
Auto-increment disabled
11
INC
General-purpose output enable
Zero-flag enabled
12
GPOE
General-purpose output bits (GPO1–GPO6)
Disabled
12
GPO[6:1]
Oversampling rate control
64×
12
OVER
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com