Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1602A Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 24Page - Texas Instruments PCM1602A Datasheet HTML 25Page - Texas Instruments PCM1602A Datasheet HTML 26Page - Texas Instruments PCM1602A Datasheet HTML 27Page - Texas Instruments PCM1602A Datasheet HTML 28Page - Texas Instruments PCM1602A Datasheet HTML 29Page - Texas Instruments PCM1602A Datasheet HTML 30Page - Texas Instruments PCM1602A Datasheet HTML 31Page - Texas Instruments PCM1602A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 12
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
OVER
GPOE
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
OVER – Oversampling Rate Control
These bits are read/write.
Default value: 0
x
System clock rate = 256 fS, 384 fS, 512 fS, or 768 fS:
OVER = 0
64× oversampling (default)
OVER = 1
128× oversampling
x
System clock rate = 128 fS or 192 fS:
OVER = 0
32× oversampling (default)
OVER = 1
64× oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma DACs. The OVER = 1 setting is
recommended when the oversampling rate is 192 kHz (system clock rate is 128 fS or 192 fS).
GPOE – General-Purpose Output Enable
This bit is read/write.
Default value: 0
GPOE = 0
General-purpose outputs disabled (default)
Pins default to zero-flag function (ZERO1 through ZERO6).
GPOE = 1
General-purpose outputs enabled
Data written to GPO1 through GPO6 appears at the corresponding pins.
GPOx – General-Purpose Logic Output
Where: x = 1 through 6, corresponding pins GPO1 through GPO6.
These bits are read/write.
Default value: 0
GPOx = 0
Set GPOx to 0 (default)
GPOx = 1
Set GPOx to 1
The general-purpose output pins, GPO1 through GPO6, are enabled by setting GPOE = 1. These pins are used
as general-purpose outputs for controlling user-defined logic functions. When general-purpose outputs are
disabled (GPOE = 0), they default to the zero-flag function, ZERO1 through ZERO6.
28
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com