Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2900B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900B
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900B Datasheet(HTML) 2 Page - Texas Instruments

  PCM2900B Datasheet HTML 1Page - Texas Instruments PCM2900B Datasheet HTML 2Page - Texas Instruments PCM2900B Datasheet HTML 3Page - Texas Instruments PCM2900B Datasheet HTML 4Page - Texas Instruments PCM2900B Datasheet HTML 5Page - Texas Instruments PCM2900B Datasheet HTML 6Page - Texas Instruments PCM2900B Datasheet HTML 7Page - Texas Instruments PCM2900B Datasheet HTML 8Page - Texas Instruments PCM2900B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PCM2900B
PCM2902B
SLES229 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
PCM2900BDB
Rails, 47
PCM2900BDB
SSOP-28
DB
–25°C to +85°C
PCM2900B
Tape and Reel,
PCM2900BDBR
2000
PCM2902BDB
Rails, 47
PCM2902BDB
SSOP-28
DB
–25°C to +85°C
PCM2902B
Tape and Reel,
PCM2902BDBR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
PCM2900B/PCM2902B
UNIT
VBUS
Supply voltage
–0.3 to 6.5
V
Ground voltage differences, AGNDC, AGNDP, AGNDX, DGND, DGNDU
±0.1
V
SEL0, SEL1, TEST0 (DIN)(2)
–0.3 to 6.5
V
Digital input voltage
D+, D–, HID0, HID1, HID2, XTI, XTO, TEST1 (DOUT)(2), SSPND
–0.3 to (VDDI + 0.3) < 4
V
VINL, VINR, VCOM, VOUTR, VOUTL
–0.3 to (VCCCI + 0.3) < 4
V
Analog input
voltage
VCCCI, VCCP1I, VCCP2I, VCCXI, VDDI
–0.3 to 4
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Tstg
Storage temperature
–55 to +150
°C
TJ
Junction temperature
+150
°C
Lead temperature (soldering, 5s)
+260
°C
Package temperature (IR reflow, peak)
+250
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
TEST0 and TEST1 apply to the PCM2900B; DIN and DOUT apply to the PCM2902B.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com