Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2900B Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900B
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900B Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2900B Datasheet HTML 17Page - Texas Instruments PCM2900B Datasheet HTML 18Page - Texas Instruments PCM2900B Datasheet HTML 19Page - Texas Instruments PCM2900B Datasheet HTML 20Page - Texas Instruments PCM2900B Datasheet HTML 21Page - Texas Instruments PCM2900B Datasheet HTML 22Page - Texas Instruments PCM2900B Datasheet HTML 23Page - Texas Instruments PCM2900B Datasheet HTML 24Page - Texas Instruments PCM2900B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Interface #0
Interface #1
PCM2900B
PCM2902B
www.ti.com ........................................................................................................................................................................................... SLES229 – DECEMBER 2008
Interface #0 is defined as the control interface. Alternative setting #0 is the only possible setting for interface #0.
Alternative setting #0 describes the standard audio control interface. The audio control interface consists of a
single terminal. The PCM2900B/2902B has the following five terminals:
• Input terminal (IT #1) for isochronous-out stream
• Output terminal (OT #2) for audio analog output
• Feature unit (FU #3) for DAC digital attenuator
• Input terminal (IT #4) for audio analog input
• Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as a USB stream (terminal type 0x0101). Input terminal #1 can accept two-channel
audio streams consisting of left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a microphone (terminal type 0x0201). Output terminal #5 is defined as a
USB stream (terminal type 0x0101). Output terminal #5 can generate two-channel audio streams composed of
left and right channel data. Feature unit #3 supports the following sound control features:
• Volume control
• Mute control
The built-in digital volume controller can be manipulated by an audio class specific request from 0 dB to –64 dB
in 1-dB steps. Changes are made by incrementing or decrementing by one step (1 dB) for every 1/fS time interval
until the volume level has reached the requested value. Each channel can be set for different values. The master
volume control is not supported. A request to the master volume is stalled and ignored. The built-in digital mute
controller can be manipulated by an audio class specific request. A master mute control request is acceptable. A
request to an individual channel is stalled and ignored.
Interface #1 is the audio streaming data-out interface. Interface #1 has five alternative settings listed in Table 6.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
Table 6. Interface #1 Alternative Settings
ALTERNATIVE
TRANSFER
SAMPLING RATE
SETTING
DATA FORMAT
MODE
(kHz)
00
Zero Bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
02
16-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
03
8-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
04
8-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com