Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L930 Datasheet(PDF) 49 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 49 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 45Page - Texas Instruments RM48L930 Datasheet HTML 46Page - Texas Instruments RM48L930 Datasheet HTML 47Page - Texas Instruments RM48L930 Datasheet HTML 48Page - Texas Instruments RM48L930 Datasheet HTML 49Page - Texas Instruments RM48L930 Datasheet HTML 50Page - Texas Instruments RM48L930 Datasheet HTML 51Page - Texas Instruments RM48L930 Datasheet HTML 52Page - Texas Instruments RM48L930 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
3.3 V
V
CCIOPORH
1.2 V
V
CCPORH
V
CCIOPORL
V
(1.2 V)
V
/ V
(3.3 V)
CC
CCIO
CCP
nPORRST
8
6
6
7
7
9
3
V
CCPORL
V
IL(PORRST)
V
/ V
CCIO
CCP
V
CC
V
CCPORL
V
IL(PORRST)
V
IL
V
IL
V
IL
V
CCIOPORH
V
CCPORH
V
CCIOPORL
NOTE: There is no timing dependency between the ramp of the VCCIO and the VCC supply voltage; this is just an exemplary drawing.
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.3.2
Power-Down Sequence
The different supplies to the device can be powered down in any order.
4.3.3
Power-On Reset: nPORRST
This is the power-on reset. This reset must be asserted by an external circuitry whenever the I/O or core
supplies are outside the specified recommended range. This signal has a glitch filter on it. It also has an
internal pulldown.
4.3.3.1
nPORRST Electrical and Timing Requirements
Table 4-4. Electrical Requirements for nPORRST
NO Parameter
MIN
MAX
Unit
VCCPORL
VCC low supply level when nPORRST must be active during
0.5
V
power-up
VCCPORH
VCC high supply level when nPORRST must remain active during
1.14
V
power-up and become active during power down
VCCIOPORL
VCCIO / VCCP low supply level when nPORRST must be active during
1.1
V
power-up
VCCIOPORH
VCCIO / VCCP high supply level when nPORRST must remain active
3.0
V
during power-up and become active during power down
VIL(PORRST)
Low-level input voltage of nPORRST VCCIO > 2.5V
0.2 * VCCIO
V
Low-level input voltage of nPORRST VCCIO < 2.5V
0.5
V
3
tsu(PORRST)
Setup time, nPORRST active before VCCIO and VCCP > VCCIOPORL
0
ms
during power-up
6
th(PORRST)
Hold time, nPORRST active after VCC > VCCPORH
1
ms
7
tsu(PORRST)
Setup time, nPORRST active before VCC < VCCPORH during power
2
µs
down
8
th(PORRST)
Hold time, nPORRST active after VCCIO and VCCP > VCCIOPORH
1
ms
9
th(PORRST)
Hold time, nPORRST active after VCC < VCCPORL
0
ms
tf(nPORRST)
500
2000
ns
Filter time nPORRST pin;
pulses less than MIN will be filtered out, pulses greater than MAX
will generate a reset.
Figure 4-1. nPORRST Timing Diagram
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
49
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com