Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L930 Datasheet(PDF) 7 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 7 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 3Page - Texas Instruments RM48L930 Datasheet HTML 4Page - Texas Instruments RM48L930 Datasheet HTML 5Page - Texas Instruments RM48L930 Datasheet HTML 6Page - Texas Instruments RM48L930 Datasheet HTML 7Page - Texas Instruments RM48L930 Datasheet HTML 8Page - Texas Instruments RM48L930 Datasheet HTML 9Page - Texas Instruments RM48L930 Datasheet HTML 10Page - Texas Instruments RM48L930 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
x
R M 4 8 L 9 3 0 Z W T T R
Prefix:
x=NotQualified
Removedwhenqualified
RM=Real TimeMicrocontroller
CPU:
4= ARMCortex-R4
Flash/RAMSize:
9=3MBflash,256kBRAM
7=2MBflash,256kBRAM
5=2MBflash,192kBRAM
NetworkInterfaces:
3=USBOnly
Reserved
Package Type:
PGE=144PinPackage
ZWT =337BGA Package
TemperatureRange:
T =-40...+105 C
o
ShippingOptions:
R= TapeandReel
SeriesNumber
Architecture:
L =Lockstep
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
1.1
Device Configuration
1.1.1
Device and Development-Support Tool Nomenclature
The figure below illustrates the numbering and symbol nomenclature for the RM48Lx30 .
Figure 1-1. RM48x Device Numbering Conventions
1.1.2
Orderable Part Numbers
Table 1-1. Orderable Part Numbers
Orderable Part #
Part #
Flash
RAM
EMAC(1)
USB(2)
RM48L530PGET
RM48L530
2MB
192kB
-
Yes
RM48L530ZWTT
RM48L530
2MB
192kB
-
Yes
RM48L730PGET
RM48L730
2MB
256kB
-
Yes
RM48L730ZWTT
RM48L730
2MB
256kB
-
Yes
RM48L930PGET
RM48L930
3MB
256kB
-
Yes
RM48L930ZWTT
RM48L930
3MB
256kB
-
Yes
(1)
10/100
(2)
2 host ports, or 1 host port + 1 device port
1.1.3
Device Identification
1.1.3.1
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 1-2. The device identification code
register value for this device is:
•
Rev 0 = 0x802AAD05
Copyright
© 2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com