Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-HDT-SJLS Datasheet(PDF) 28 Page - Texas Instruments

Part # RF-HDT-SJLS
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-SJLS Datasheet(HTML) 28 Page - Texas Instruments

Back Button RF-HDT-SJLS Datasheet HTML 22Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 23Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 24Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 25Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 26Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 27Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 28Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 29Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
www.ti.com
4.1
Regulatory, Safety, and Warranty Notices
4.2
Warranty and Liability
4.3
Hazards from Electrostatic Discharge ESD
Regulatory, Safety, and Warranty Notices
An RFID system comprises an RF transmission device, and is therefore subject to national and
international regulations.
A system reading from or writing to these transponders may be operated only under an experimental
license or final approval issued by the relevant approval authority. Before any such device or system can
be marketed, an equipment authorization must be obtained form the relevant approval authority.
The Tag-it HF-I Pro Transponder IC has been manufactured using state-of-the-art technology and in
accordance with the recognized safety rules.
Observe precautions in operating instructions
• Condition for the safe processing, handling and fault-free operation of the Tag-it HF-I Pro Transponder
IC is the knowledge of the basic safety regulations.
• All persons who operate with the Tag-it HF-I Pro Transponder IC must observe the guidelines and
particularly the safety precautions outlined in this document.
• In addition, basic rules and regulations for accident prevention applicable to the operating site must
also be considered.
The "General Conditions of Sale and Delivery" of Texas Instruments Incorporated or a TI subsidiary apply.
Warranty and liability claims for defect products, injuries to persons and property damages are void if they
are the result of one or more of the following causes:
• improper use of the transponders IC
• unauthorized assembly, operation and maintenance of the transponders IC
• operation of the transponder IC with defective and/or non-functioning safety and protective equipment
• failure to observe the instructions given in this document during transport, storage, assembly,
operation, maintenance and setting up of the transponder IC
• unauthorized changes to the transponder IC
• insufficient monitoring of the transponder ICs' operation or environmental conditions
• repairs
• catastrophes caused by foreign bodies and acts of God.
CAUTION
Tag-it HF-I Pro Transponder ICs are 100% thoroughly tested. It is the
responsibility of TIs customer to evaluate their assembly process for
compatibility with the Tag-it HF-I Pro Transponder IC properties and to ensure
through appropriate process controls that determined machine and material
parameter are met on an ongoing basis. TI does not accept warranty claims for
material that has already undergone packaging or conversion process.
WARNING
ELECTRONIC
DEVICES
CAN
ALSO
BE
DESTROYED
BY
ELECTROSTATIC ENERGY.
Regulatory, Safety, and Warranty Notices
28
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com