Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-HDT-SJLS Datasheet(PDF) 9 Page - Texas Instruments

Part # RF-HDT-SJLS
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-SJLS Datasheet(HTML) 9 Page - Texas Instruments

Back Button RF-HDT-SJLS Datasheet HTML 5Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 6Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 7Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 8Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 9Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 10Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 11Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 12Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
1.5
Memory Organization
User data
(256 bits)
UID Number
(64 bits)
X
AFI
Password
0x06
0x08
0x09
0x0B
0x0A
Block Addr
0x00
0x01
0x02
32 bits
F U
F = Factory Lock, U = User Lock
Lock Bits
0x03
0x04
0x05
0x06
0x07
Memory Organization
According to ISO 15693 Up-Link communication (Transponder to Reader) can be accomplished with one
subcarrier (ASK modulation) or with two subcarrier (FSK modulation). Both modes (ASK and FSK) can
operate with either high or low data rate. The transponder answers in the mode it was interrogated
from the reader and supports all communication parameter combinations. Up- and Down-Link are
frame synchronized and CRC check sum secured.
Each Tag-it HF-I Pro Transponder IC has a ‘unique’ address (UID) stored in two blocks, which are
factory-programmed and 64 bits long (=264 different addresses). This can be used for addressing each
transponder uniquely and individually for a one-to-one exchange between the reader and the transponder.
A mechanism to resolve collisions of a multiplicity of transponders (Anticollision) is also implemented. This
special feature allows multiple transponders to be read simultaneously and offers the capability to
inventory, in a very short time, a large number of transponders by their unique address, provided they are
within the reader operating range.
Also, the Application Family Identifier (AFI), which is optional in the ISO15693 is supported by the Tag-it
HF-I Pro Transponder.
For more details about the communication between reader and transponder see ISO/IEC 15693 and the
Tag-it HF-I Pro Extended Command Specification.
User data is read and stored in a 256 bit non-volatile user memory that is organized in 8 blocks. Each
block with 32 bit is user programmable and can be locked individually to protect data from modification.
Once set, the lock bit cannot be reset. The user memory is field programmable per block. Two levels of
block locking are supported: Individual block locking by the user (U) or individual block locking of factory
programmed data (F) during manufacturing. Bit 2 of the “Block Security Status” Byte defined in ISO
15693-3 is used to store the Factory Lock Status of the Block. Factory Block locking irreversibly protects
the locked data from any further reprogramming. User locked blocks can be reprogrammed by use of the
password protected write command.
Figure 1-2. Memory Organization of the Tag-it HF-I Pro Transponder IC
SCBU045 (11-09-21-065) – October 2007
Introduction
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com