Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025A Datasheet(PDF) 7 Page - Texas Instruments

Part # REF5025A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025A Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5025A Datasheet HTML 3Page - Texas Instruments REF5025A Datasheet HTML 4Page - Texas Instruments REF5025A Datasheet HTML 5Page - Texas Instruments REF5025A Datasheet HTML 6Page - Texas Instruments REF5025A Datasheet HTML 7Page - Texas Instruments REF5025A Datasheet HTML 8Page - Texas Instruments REF5025A Datasheet HTML 9Page - Texas Instruments REF5025A Datasheet HTML 10Page - Texas Instruments REF5025A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1s/div
40 s/div
m
2V/div
1V/div
V
OUT
V
IN
400 s/div
m
5V/div
1V/div
V
OUT
V
IN
20 s/div
m
-1mA
-1mA
+1mA
I
LOAD
V
OUT
5mV/div
1mA/div
20 s/div
m
-10mA
+10mA
+10mA
I
LOAD
V
OUT
2mV/div
10mA/div
100 s/div
m
-1mA
-1mA
+1mA
I
LOAD
V
OUT
5mV/div
1mA/div
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0, VS = VOUT + 0.2 V (unless otherwise noted). For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
STARTUP
NOISE
(REF5025, CL = 1 μF)
Figure 13.
Figure 14.
STARTUP
LOAD TRANSIENT
(REF5025, CL = 10 μF)
(CL = 1 μF, IOUT = 1 mA)
Figure 15.
Figure 16.
LOAD TRANSIENT
LOAD TRANSIENT
(CL = 1 μF, IOUT = 10 mA)
(CL = 10 μF, IOUT = 1 mA)
Figure 17.
Figure 18.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com