Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025A Datasheet(PDF) 8 Page - Texas Instruments

Part # REF5025A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025A Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF5025A Datasheet HTML 4Page - Texas Instruments REF5025A Datasheet HTML 5Page - Texas Instruments REF5025A Datasheet HTML 6Page - Texas Instruments REF5025A Datasheet HTML 7Page - Texas Instruments REF5025A Datasheet HTML 8Page - Texas Instruments REF5025A Datasheet HTML 9Page - Texas Instruments REF5025A Datasheet HTML 10Page - Texas Instruments REF5025A Datasheet HTML 11Page - Texas Instruments REF5025A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
100 s/div
m
-10mA
-10mA
+10mA
I
LOAD
V
OUT
2mV/div
10mA/div
20ms/div
V
OUT
V
IN
5mV/div
500mV/div
100 s/div
m
V
OUT
V
IN
5mV/div
500mV/div
140
120
100
80
60
40
20
0
40
-
20
-
0
100
200
300
400
500
600
700
800
900 1000
Hours
96 Units
MSOP-8 Package
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
Hours
50
40
30
20
10
0
-
-
10
20
96 Units
MSOP-8 Package
140
120
100
80
60
40
20
0
40
-
20
-
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Hours
96 Units
MSOP-8 Package
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0, VS = VOUT + 0.2 V (unless otherwise noted). For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
LOAD TRANSIENT
LINE TRANSIENT
(CL = 10 μF, IOUT = 10 mA)
(CL = 1 μF)
Figure 19.
Figure 20.
LINE TRANSIENT
REF50xx
(CL = 10 μF)
LONG-TERM STABILITY (FIRST 1000 HOURS)
Figure 21.
Figure 22.
REF50xx
REF50xx
LONG-TERM STABILITY (SECOND 1000 HOURS)
LONG-TERM STABILITY (2000 HOURS)
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com