Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5030A Datasheet(PDF) 5 Page - Texas Instruments

Part # REF5030A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5030A Datasheet(HTML) 5 Page - Texas Instruments

  REF5030A Datasheet HTML 1Page - Texas Instruments REF5030A Datasheet HTML 2Page - Texas Instruments REF5030A Datasheet HTML 3Page - Texas Instruments REF5030A Datasheet HTML 4Page - Texas Instruments REF5030A Datasheet HTML 5Page - Texas Instruments REF5030A Datasheet HTML 6Page - Texas Instruments REF5030A Datasheet HTML 7Page - Texas Instruments REF5030A Datasheet HTML 8Page - Texas Instruments REF5030A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Drift(ppm/ C)
°
Drift(ppm/ C)
°
-
50
-
25
Temperature( C)
°
0.05
0.04
0.03
0.02
0.01
0
-
0.01
-
0.02
-
0.03
-
0.04
-
0.05
125
0
25
50
75
100
OutputInitialAccuracy(%)
10
Frequency(Hz)
160
140
120
100
80
60
40
20
0
100k
100
1k
10k
-
15
-
10
-
5
LoadCurrent(mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
15
0
5
10
+125 C
°
+25 C
°
-
°
40 C
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS
TA = 25°C, ILOAD = 0, VS = VOUT + 0.2 V (unless otherwise noted). For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
TEMPERATURE DRIFT
TEMPERATURE DRIFT
(0
°C to 85°C)
(
–40°C to 125°C)
Figure 1.
Figure 2.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE
vs
INITIAL ACCURACY
TEMPERATURE
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION RATIO
DROPOUT VOLTAGE
vs
vs
FREQUENCY
LOAD CURRENT
Figure 5.
Figure 6.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com