Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5030A Datasheet(PDF) 6 Page - Texas Instruments

Part # REF5030A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5030A Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF5030A Datasheet HTML 2Page - Texas Instruments REF5030A Datasheet HTML 3Page - Texas Instruments REF5030A Datasheet HTML 4Page - Texas Instruments REF5030A Datasheet HTML 5Page - Texas Instruments REF5030A Datasheet HTML 6Page - Texas Instruments REF5030A Datasheet HTML 7Page - Texas Instruments REF5030A Datasheet HTML 8Page - Texas Instruments REF5030A Datasheet HTML 9Page - Texas Instruments REF5030A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
-
10
-
5
LoadCurrent(mA)
2.50125
2.50100
2.50075
2.50050
2.50025
2.50000
2.49975
2.49950
2.49925
2.49900
2.49875
10
0
5
+125 C
°
+25 C
°
-
°
40 C
-
50
-
25
Temperature( C)
°
0.9
0.8
0.7
0.6
0.5
0.4
0.3
125
0
25
50
75
100
-
50
-
25
Temperature( C)
°
1050
1000
950
900
850
800
750
700
650
600
125
0
25
50
75
100
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
V
(V)
IN
1000
950
900
850
800
750
700
650
600
+25 C
°
-40 C
°
+125 C
°
-
50
-
25
Temperature( C)
°
0.5
0.4
0.3
0.2
0.1
0
-
0.1
-
0.2
-
0.3
-
0.4
-
0.5
125
0
25
50
75
100
-
50
-
25
Temperature( C)
°
35
30
25
20
15
10
5
0
125
0
25
50
75
100
Sourcing
Sinking
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0, VS = VOUT + 0.2 V (unless otherwise noted). For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
REF5025 OUTPUT VOLTAGE
TEMP PIN OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
TEMPERATURE
Figure 7.
Figure 8.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
TEMPERATURE
INPUT VOLTAGE
Figure 9.
Figure 10.
LINE REGULATION
SHORT-CIRCUIT CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com