Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS261B Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261B
Description  TWO-PORT HDMI SWITCH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS261B Datasheet HTML 17Page - Texas Instruments TMDS261B Datasheet HTML 18Page - Texas Instruments TMDS261B Datasheet HTML 19Page - Texas Instruments TMDS261B Datasheet HTML 20Page - Texas Instruments TMDS261B Datasheet HTML 21Page - Texas Instruments TMDS261B Datasheet HTML 22Page - Texas Instruments TMDS261B Datasheet HTML 23Page - Texas Instruments TMDS261B Datasheet HTML 24Page - Texas Instruments TMDS261B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
VSadj Resistance − k
Ω
0
200
400
600
800
1000
1200
1400
1600
3
4
5
6
7
G008
TA = 25°C
VCC = 3 V
VCC = 3.6 V
VCC = 3.3 V
Data+
Data–
Clk+
Clk–
Coax
SMA
AVCC
(4)
RT
AVCC
RT
TTP4
TTP2
TTP1
HDMI Cable
(1)
SMA
SMA
SMA
SMA
TTP3
Coax
SMA
Coax
SMA
Coax
SMA
Coax
Coax
Coax
Coax
Parallel
BERT
800-mVpp,
1000-mVpp,
1200-mVpp
Differential
Signal
With
Preemphasis
(3-dB, 120-ps
Duration
RT
(5)
RT
Eye Test
Instrument
(2, 3)
nnn
B0331-10
<2-inch
50-
Transmission Line
(6)
W
<2-inch
50-
Transmission Line
W
(6)
<2-inch
50-
Transmission Line
W
(6)
<2-inch
50-
Transmission Line
W
(6)
TMDS261B
OUT
OUT
RX
+EQ
RX
+EQ
Eye Test
Instrument
(2, 3)
nnn
TMDS261B
www.ti.com
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
AVCC = 3.3 V, RT = 50 Ω
DIFFERENTIAL OUTPUT VOLTAGE
vs
RESISTANCE
Figure 23.
(1)
The HDMI cable between TTP1 and TTP2 is 0 m (no loss) case. See Figure 15 for the loss profile of the cable.
(2)
Eye data is measured using an 8-GHz bandwith oscilloscope (Agilent).
(3)
Eye data is taken at TTP4.
(4)
AVCC = 3.3 V; VSadj = 4.02 k
Ω.
(5)
RT = 50 Ω.
(6)
2 inches = 5,08 cm.
NOTES: Output edge rate default (fastest): input edge rate from the video pattern generator greater than 75 ps (20%
–80%).
The input signal from the parallel BERT has pre-emphasis. See Figure 26 for acceptable input pre-emphasis duration
and amplitude.
Pass/fail criterion: output eye at TTP4 should comply with output eye mask (See Figure 25). The input TMDS clock
frequencies tested: 25 MHz, 30.24 MHz, 36 MHz, 54 MHz, 65 MHz, 74.25 MHz, 84.75 MHz, 108 MHz, 135 MHz,
148.5 MHz, 185.625 MHz, 222.75 MHz, 297 MHz.
Figure 24. Input Pre-Emphasis Tolerance-Measurement Setup
Copyright
© 2009–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com