Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS261B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261B
Description  TWO-PORT HDMI SWITCH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS261B Datasheet HTML 9Page - Texas Instruments TMDS261B Datasheet HTML 10Page - Texas Instruments TMDS261B Datasheet HTML 11Page - Texas Instruments TMDS261B Datasheet HTML 12Page - Texas Instruments TMDS261B Datasheet HTML 13Page - Texas Instruments TMDS261B Datasheet HTML 14Page - Texas Instruments TMDS261B Datasheet HTML 15Page - Texas Instruments TMDS261B Datasheet HTML 16Page - Texas Instruments TMDS261B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PULSE
GENRATOR
R
T
V
IN
D.U.T.
V
OUT
C =100pF
L
R =2k
L
W
5V
VCC
S0369-02
PULSE
GENRATOR
R
T
V
IN
D.U.T.
V
OUT
C =400pF
L
R =2k
L
W
5V
VCC
S0370-02
TMDS261B
www.ti.com
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1
Propagation delay time, low to high
Source to sink
80
251
ns
tPHL1
Propagation delay time, high to low
Source to sink
35
200
ns
tPLH2
Propagation delay time, low to high
Sink to source
204
459
ns
tPHL2
Propagation delay time, high to low
Sink to source
35
200
ns
tf1
Output signal fall time
Sink side
20
72
ns
tf2
Output-signal fall time
Source side
20
72
ns
fSCL
SCL clock frequency for internal register
Local I2C
100
kHz
tW(L)
Clock LOW period for I2C register
Local I2C
4.7
μs
tW(H)
Clock HIGH period for internal register
Local I2C
4
μs
tSU1
Internal register setup time, SDA to SCL
Local I2C
250
ns
th(1)
Internal register hold time, SCL to SDA
Local I2C
0
μs
t(buf)
Internal register bus free time between STOP and START
Local I2C
4.7
μs
tsu(2)
Internal register setup time, SCL to START
Local I2C
4.7
μs
th(2)
Internal register hold time, START to SCL
Local I2C
4
μs
tsu(3)
Internal register hold time, SCL to STOP
Local I2C
4
μs
Figure 4. Sink-Side Test Circuit
Figure 5. Source-Side Test Circuit
Copyright
© 2009–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com