Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7952X Datasheet(PDF) 33 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 33 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 29Page - Micro Analog systems MCP7952X Datasheet HTML 30Page - Micro Analog systems MCP7952X Datasheet HTML 31Page - Micro Analog systems MCP7952X Datasheet HTML 32Page - Micro Analog systems MCP7952X Datasheet HTML 33Page - Micro Analog systems MCP7952X Datasheet HTML 34Page - Micro Analog systems MCP7952X Datasheet HTML 35Page - Micro Analog systems MCP7952X Datasheet HTML 36Page - Micro Analog systems MCP7952X Datasheet HTML 37Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 33
MCP7952X/MCP7951X
9.1.8
DATA PROTECTION
The following protection has been implemented to pre-
vent inadvertent writes to the array:
• The write enable latch is reset on power-up
• A Write Enable instruction must be issued to set
the write enable latch
• After a byte write, page write, unique ID write, or
STATUS register write, the write enable latch is
reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal EEPROM
write cycle is ignored and programming is contin-
ued
• Block protect bits are ignored for UID writes
9.1.9
CLEAR RAM INSTRUCTION
The Clear Ram instruction is a 2-byte command that
will reset the internal SRAM to the known value. Using
this command, all locations in the SRAM are set to 00h
and the data value contained in the second byte of the
command is ignored.
FIGURE 9-7:
CLRRAM
9.2
Crystal Specification and
Selection
The MCP795XX has been designed to operate with a
standard 32.768 kHz tuning fork crystal. The on-board
oscillator has been characterized to operate with a
crystal of maximum ESR of 70K Ohms.
Crystals with a comparable specification are also suit-
able for use with the MCP795XX.
The table below is given as design guidance and a
starting point for crystal and capacitor selection.
EQUATION 9-1:
The following must also be taken into consideration:
• Pin capacitance (to be included in Cx2 and Cx1)
• Stray Board Capacitance
The recommended board layout for the oscillator area
is shown in Figure 9-8. This actual board shows the
crystal and the load capacitors. In this example, C2 is
CX1, C1 is CX2 and the crystal is designated as Y1.
When calculating the effective load capacitance,
Equation 9-1 can be used.
SO
SI
SCK
CS
0
234567
89 10 11 12 13 14 15
1
10
0
1
0
1
0
A7 6
5
4
1A0
Instruction
Data
High-Impedance
32
0
Manufacturer
Part Number
Crystal
Capacitance
CX1 Value
CX2 Value
Micro Crystal
CM7V-T1A
7pF
10pF
12pF
Citizen
CM200S-32.768KDZB-UT
6pF
10pF
8 pF
Please work with your crystal vendor.
Cload
CX2 CX1
CX2
CX1
+
-----------------------------
Cstray
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com