Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7952X Datasheet(PDF) 16 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 12Page - Micro Analog systems MCP7952X Datasheet HTML 13Page - Micro Analog systems MCP7952X Datasheet HTML 14Page - Micro Analog systems MCP7952X Datasheet HTML 15Page - Micro Analog systems MCP7952X Datasheet HTML 16Page - Micro Analog systems MCP7952X Datasheet HTML 17Page - Micro Analog systems MCP7952X Datasheet HTML 18Page - Micro Analog systems MCP7952X Datasheet HTML 19Page - Micro Analog systems MCP7952X Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 16
Preliminary
 2012 Microchip Technology Inc.
6.0
ALARM 0 REGISTERS
REGISTER 6-1:
SECONDS 0X0C
U-0
R/W
R/W
—
10 Seconds
Seconds
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 SECONDS<2:0>: 10 Seconds
bit 3-0
SECONDS<3:0>: Seconds
Note:
This contains the seconds match for the Alarm 0.
REGISTER 6-2:
MINUTES 0X0D
U-0
R/W
R/W
—
10 Minutes
Minutes
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 MINUTES<2:0>: 10 Seconds
bit 3-0
MINUTES<3:0>: Seconds
Note:
This contains the minutes match for the Alarm 0.
REGISTER 6-3:
HOURS 0X0E
U-0
R/W
R/W
—
12/24
10 Hour
AM/PM
10 Hour
Hour
bit 7
bit 6
bit 5
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6
12/24: This is a copy of bit 6 in the Hours register (0x03)
bit 5
10 HOUR AM/PM
bit 4
10 HOUR
bit 3-0
HOUR<3:0>
Note:
This contains the minutes match for the Alarm 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com