Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VEPGE Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 17Page - Texas Instruments TNETX15VEPGE Datasheet HTML 18Page - Texas Instruments TNETX15VEPGE Datasheet HTML 19Page - Texas Instruments TNETX15VEPGE Datasheet HTML 20Page - Texas Instruments TNETX15VEPGE Datasheet HTML 21Page - Texas Instruments TNETX15VEPGE Datasheet HTML 22Page - Texas Instruments TNETX15VEPGE Datasheet HTML 23Page - Texas Instruments TNETX15VEPGE Datasheet HTML 24Page - Texas Instruments TNETX15VEPGE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
internal register descriptions
revision register, revision at 0x00 (DIO)
MOST-SIGNIFICANT
BIT
BIT
LEAST-SIGNIFICANT
BIT
7
6
5
4
3
2
1
0
Product Code
Revision
Initial Values After Reset
0
0
1
0
0
0
0
0
This register contains the revision code for the device. The initial revision code is hardwired to 0x20, which
indicates the version 2.0 device. This register is read only, and writes to it are ignored.
SRAM size-select register, RAMsize at 0x01 (DIO)
The RAMsize register can be written to only when the START bit in the control register is set to 0. This register
is automatically loaded from the EEPROM when the RESET terminal is asserted low, when DIO address high
register contains 0x40, or when LOAD in the control register is set.
BIT
7
6
5
4
3
2
1
0
Reserved
RSIZE
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Writes to this location are ignored and are read as 0.
3–0
RSIZE
Ram size select. This field indicates the size of the external SRAM, and has a bearing on the number of
addresses that the TNETX15VE supports. The TNETX15VE uses this field to determine how many tables
to initialize as part of the reset sequence by indicating how many address lines to use. All the intermediate
pointers used for address decode are stored in external SRAM, which means external SRAM is required.
The end points of an address lookup are stored in the internal RAM for speed. The internal SRAM is used
also for the one-address/port FIFO, and the 32-location FIFO used to record source addresses for frames
that override the receive block (spanning-tree BPDU support). This field is written only when the START bit
is 0. This field also is loaded from the EEPROM interface during auto-load.
Code values are as follows:
RAMsize
REGISTER
640
× 16
RAM
SIZE
WORST
CASE
0x00
832
× 16
2
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
0x0A
0x0B
0x0C
0x0D to 0x0F
1K
× 16
2K
× 16
4K
× 16
8K
× 16
16K
× 16
32K
× 16
64K
× 16
128K
× 16
256K
× 16
512K
× 16
1M
× 16
Reserved
2
3
7
14
28
59
123
251
507
1019
1954
1954
Caution should be taken not to specify more RAM than is actually present. The state machines allocating
space treat this value literally. Unusual effects concerning addresses can be observed if this space is smaller
than indicated. For instance, addresses can appear more than once with the first few bits changed to 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com