Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VEPGE Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 29Page - Texas Instruments TNETX15VEPGE Datasheet HTML 30Page - Texas Instruments TNETX15VEPGE Datasheet HTML 31Page - Texas Instruments TNETX15VEPGE Datasheet HTML 32Page - Texas Instruments TNETX15VEPGE Datasheet HTML 33Page - Texas Instruments TNETX15VEPGE Datasheet HTML 34Page - Texas Instruments TNETX15VEPGE Datasheet HTML 35Page - Texas Instruments TNETX15VEPGE Datasheet HTML 36Page - Texas Instruments TNETX15VEPGE Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt register, int at 0x28–0x29 (DIO)
The int register is used with the intmask register to provide interrupts to the attached CPU. When TNETX15VE
EINT terminal is 1, this register gives the reason for the interrupt. Specific interrupts can be masked out by
setting the appropriate bit in intmask register. This register is read only with the exception of the int bit. All bits
in a byte are automatically cleared when the byte is read, even if more then one was set.
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NEW
NEWM
CHNG
CHNGM
SECVIO
SECVIOM
AGE
AGEM
INT
FNDCPLT
Reserved
RXFIFO
STAT
FULL
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NEW
New-node interrupt. NEW indicates that a new node has been added to the lookup table using a wire ADD. The node
address is given in the newnode register and the node’s port is given in the newport register.
14
NEWM
Missed-new-node interrupt indication. NEWM indicates that a new node interrupt was given, but the information was not
placed in the newnode registers because the registers have not been released by a host read of the most-significant
byte of the newport register.
13
CHNG
Node-port change interrupt. CHNG indicates that there has been a change in port assignment for a node that exists in
the lookup table. The node address is given in the newnode register and the node’s new port is given in the newport
register.
12
CHNGM
Missed-node-port change interrupt indication. CHNGM indicates that a node-port change interrupt was issued, but the
information was not placed in the newnode registers because the registers have not been released by a host read of
the most-significant byte of the newport register.
11
SECVIO
Security-violation interrupt. SECVIO indicates that a node (which has been secured) has attempted to move port
assignments. The node address is given in the newnode registers. The location that the node attempted to move to is
contained in the newport register.
10
SECVIOM
Missed-security-violation interrupt indication. SECVIOM indicates that a node-port change interrupt was issued, but the
information was not placed in the newnode registers because the registers have not been released by a host read of
the most-significant byte of the newport register.
9
AGE
Age-out interrupt. AGE indicates that a node has been aged-out (deleted from the lookup table). The node address is
issued in the agednode register. The node’s assigned port is given in the agedport register.
8
AGEM
Missed-age-out interrupt indication. AGEM indicates that an age-out interrupt was issued, but the information was not
placed in the agednode registers because the registers have not been released by a host read of the most-significant
byte of the agedVLAN register.
7
INT
Test interrupt request. Asserting INT gives a test interrupt to the attached CPU.
6
FNDCPLT
Find completion interrupt. FNDCPLT indicates that the FIND logic operation has completed a search operation. The data
in the find registers is now valid.
5–3
Reserved
Writes to this location are ignored and read as 0.
2
RXFIFO
Receive FIFO has become not empty. The RXFIFO bit indicates that the RXFIFO has moved from being empty to not
empty. To set again, RXFIFO must be emptied and receive data again.
1
STAT
Statistics overflow interrupt. STAT indicates that a counter in the statistics is one-half full (most-significant bit in the
counter is a 1). This is an indication to the CPU to read the statistic counters (thereby clearing them).
0
FULL
SRAM full interrupt. FULL indicates that a condition existed (or exists) that prevented the adding of another address to
the TNETX15VE address-lookup table. Either the external RAM (table pointers), or the internal RAM (table entries) filled
up.
If NAUTO (bit 10, control 0x9) is set, the host is responsible for adding addresses. The host-initiated ADD operation did
not complete, and the FULL interrupt was asserted. The host must delete addresses until the ADD completes, or further
ADDs are stalled.
If NAUTO is not set, the internal state machines have taken care of deleting the necessary oldest addresses until the
ADD operation completes, even if the ADD was initiated by the host. In this case, the interrupt is an indication that the
table is operating near peak capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com